Electronic Components Datasheet Search
  English  ▼

X  

OLF100 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OLF100
Description  Phototransistor - Hermetic Surface Mount Optocoupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OLF100 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OLF100 Datasheet HTML 1Page - List of Unclassifed Manufacturers OLF100 Datasheet HTML 2Page - List of Unclassifed Manufacturers OLF100 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TYPICAL PERFORMANCE CURVES
Fig. 1 - LED Forward Characteristics
100
75
50
25
0
-25
-55
TEMPERATURE (°C)
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
I F = 10mA
125
30
20
10
0
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
INPUT CURRENT (mA)
Fig. 3 - Input Current vs. Output Open-
Circuit Voltage
515
25
35
40
Fig. 4 - Normalized Short Circuit Current vs. Temperature
100
75
50
25
0
-25
-55
TEMPERATURE (°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Normalized to:
I F = 10mA
TA = 25°C
125
Fig. 5 - Open Circuit Voltage vs. Temperature
100
75
50
25
0
-25
-55
TEMPERATURE (°C)
4
6
8
10
12
14
16
18
20
I F = 10mA
125
Fig. 2 - Input Current vs. Output Short-
Circuit Current
40
35
30
25
20
15
10
5
0
0
5
10
20
25
30
35
40
45
INPUT CURRENT (mA)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com