Electronic Components Datasheet Search
  English  ▼

X  

LM4981 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4981
Description  Ground-Referenced, 80mW Stereo Headphone Amplifier with Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4981 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4981 Datasheet HTML 1Page - National Semiconductor (TI) LM4981 Datasheet HTML 2Page - National Semiconductor (TI) LM4981 Datasheet HTML 3Page - National Semiconductor (TI) LM4981 Datasheet HTML 4Page - National Semiconductor (TI) LM4981 Datasheet HTML 5Page - National Semiconductor (TI) LM4981 Datasheet HTML 6Page - National Semiconductor (TI) LM4981 Datasheet HTML 7Page - National Semiconductor (TI) LM4981 Datasheet HTML 8Page - National Semiconductor (TI) LM4981 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
4.5V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation(Note 3)
Internally Limited
ESD Susceptibility (Note 4)
2500V
ESD Susceptibility (Note 5)
250V
Junction Temperature
150˚C
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage (V
DD)
2.0V
≤ V
CC
≤ 4.2V
Electrical Characteristics V
DD =3V (Notes 1, 2)
The following specifications apply for V
DD = 3V, AV = 1V/V RL =32
Ω, f = 1kHz, unless otherwise specified. Limits apply to T
A
= 25˚C.
Symbol
Parameter
Conditions
LM4981
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
I
DD
Quiescent Power Supply Current
V
IN = 0V, RL = ∞
710
mA
I
DD
Standby Power Supply Current
2.3
mA
I
SD
Shutdown Current
V
SD = GND
0.1
3.5
µA
V
IH
Logic Input Voltage High
SHDN, SDM, CLOCK, U/D
0.7V
DD
V
V
IL
Logic Input Voltage Low
SHDN, SDM, CLOCK, U/D
0.3V
DD
V
Digital Volume
Input Referred Maximum Gain
12
dB
Input Referred Minimum Gain
–33
dB
Volume Step Size
3
dB
Step Size Error
±0.3
dB
Channel-to-Channel Volume
Tracking Error
All gain settings
0.15
dB
T
WU
Wake Up Time
300
µs
V
OS
Output Offset Voltage
R
L =32
Ω
15
mV
P
O
Output Power
THD+N = 1% (max); f = 1kHz,
R
L =16
Ω, one channel
83
mW
THD+N = 1% (max); f = 1kHz,
R
L =32
Ω, one channel
75
mW
THD+N = 1% (max); f = 1kHz,
R
L =16
Ω, (two channels in phase)
40
33
mW (min)
THD+N = 1% (max); f = 1kHz,
R
L =32
Ω, (two channels in phase)
47
43
mW (min)
THD+N
Total Harmonic Distortion
P
O = 60mW, f = 1kHz, RL =16
Ω
single channel
0.03
%
P
O = 50mW, f = 1kHz, RL =32
Ω
single channel
0.02
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVP-PSine,
f
RIPPLE = 1kHz, Inputs AC GND,
Cl = 1µF
65
dB
V
RIPPLE = 200mVP-PSine,
f
RIPPLE = 10kHz, Inputs AC GND,
Cl = 1µF
50
dB
V
RIPPLE = 200mVP-PSine,
f
RIPPLE = 217Hz
67
dB
∈
OS
Output Noise
A-Weighted Filter
11
µV
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com