Electronic Components Datasheet Search
  English  ▼

X  

1779080 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1779080
Description  Printed-circuit board connector - MCV 1,5/ 3-GF-3,5 P26 THR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1779080 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1779080 Datasheet HTML 1Page - PHOENIX CONTACT 1779080 Datasheet HTML 2Page - PHOENIX CONTACT 1779080 Datasheet HTML 3Page - PHOENIX CONTACT 1779080 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1779080
10/24/2014   Page 1 / 4
Printed-circuit board connector - MCV 1,5/ 3-GF-3,5 P26 THR - 1779080
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 3, Pitch: 3.5 mm, Color: black,
Contact surface: Tin, Assembly: SMD/THT/THR, User information and design recommendations for through hole
reflow technology can be found under “Downloads”
The figure shows a 10-position
version of the product
Product Features
 Pitch: 3.5 and 3.81 mm
 Plug-in direction vertical to the PCB
 Delivery form: box packaging, in bulk for small series
 Low-profile THR headers with compact pitches
 Use in SMT reflow processes
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
100 pc
Weight per Piece (excluding packing)
1.8 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
6.9 mm
Pitch
3.5 mm
Dimension a
7 mm
Pin dimensions
0,8 x 0,8 mm
Hole diameter
1.4 mm
General
Range of articles
MCV 1,5/..-GF-THR


Similar Part No. - 1779080

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1779037 PHOENIX-1779037 Datasheet
189Kb / 4P
CD BASE 40X80 WH - Cable duct
1779038 PHOENIX-1779038 Datasheet
188Kb / 4P
CD BASE 40X60 WH - Cable duct
1779064 PHOENIX-1779064 Datasheet
262Kb / 11P
MCV 1,5/ 2-GF-3,5 P26 THR
1779077 PHOENIX-1779077 Datasheet
77Kb / 4P
Printed-circuit board connector - MCV 1,5/ 2-GF-3,5 P26THRR32
1779093 PHOENIX-1779093 Datasheet
77Kb / 4P
Printed-circuit board connector - MCV 1,5/ 3-GF-3,5 P26THRR56
More results

Similar Description - 1779080

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1789180 PHOENIX-1789180 Datasheet
104Kb / 4P
Printed-circuit board connector - MC 1,5/ 3-GF-3,5 P26 THR
1780150 PHOENIX-1780150 Datasheet
75Kb / 4P
Printed-circuit board connector - MCV 1,5/12-GF-3,5 P26 THR
1780118 PHOENIX-1780118 Datasheet
75Kb / 4P
Printed-circuit board connector - MCV 1,5/11-GF-3,5 P26 THR
1779103 PHOENIX-1779103 Datasheet
75Kb / 4P
Printed-circuit board connector - MCV 1,5/ 4-GF-3,5 P26 THR
1779129 PHOENIX-1779129 Datasheet
143Kb / 7P
Printed-circuit board connector - MCV 1,5/ 5-GF-3,5 P26 THR
1779145 PHOENIX-1779145 Datasheet
75Kb / 4P
Printed-circuit board connector - MCV 1,5/ 6-GF-3,5 P26 THR
1779161 PHOENIX-1779161 Datasheet
75Kb / 4P
Printed-circuit board connector - MCV 1,5/ 7-GF-3,5 P26 THR
1779187 PHOENIX-1779187 Datasheet
75Kb / 4P
Printed-circuit board connector - MCV 1,5/ 8-GF-3,5 P26 THR
1779200 PHOENIX-1779200 Datasheet
75Kb / 4P
Printed-circuit board connector - MCV 1,5/ 9-GF-3,5 P26 THR
1779226 PHOENIX-1779226 Datasheet
75Kb / 4P
Printed-circuit board connector - MCV 1,5/10-GF-3,5 P26 THR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com