Electronic Components Datasheet Search
  English  ▼

X  

QPI-2L Datasheet(PDF) 1 Page - Vicor Corporation

Part # QPI-2L
Description  12 Amp Active EMI Filter for 24V DC Bus
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-2L Datasheet(HTML) 1 Page - Vicor Corporation

  QPI-2L Datasheet HTML 1Page - Vicor Corporation QPI-2L Datasheet HTML 2Page - Vicor Corporation QPI-2L Datasheet HTML 3Page - Vicor Corporation QPI-2L Datasheet HTML 4Page - Vicor Corporation QPI-2L Datasheet HTML 5Page - Vicor Corporation QPI-2L Datasheet HTML 6Page - Vicor Corporation QPI-2L Datasheet HTML 7Page - Vicor Corporation QPI-2L Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Picor Corporation • www.picorpower.com
QPI-2L Data Sheet Rev. 2.0 Page 1 of 8
Features
• >55 dB CM attenuation at 250 kHz
• >70 dB DM attenuation at 250 kHz
• 40 Vdc (max input)
• 12 Amp rating
• 100 Vdc surge 100 ms
• 707 Vdc Hi-pot hold off to Shield Plane
• 1.0” x 1.0” x 0.2” SiP (System-in-Package)
•SMT Land Grid Array (LGA)
• -40° to +100°C PCB temperature (See Fig. 5)
• Active filtering reduces volume and height
• Efficiency 99% at full load
• Connect in series for higher attenuation
• TÜV approved
Applications
•Industrial bus supplies
• Telecom base stations
• COTS systems
Typical Application
QPI Performance
RY=10
Ω, 1/4 W
Figure 1 - QPI-2 circuit on input bus.
Figure 2 - Attenuation curves showing common-mode and
differential-mode attenuation.
Description
The QPI-2 active EMI filter attenuates conducted
common-mode (CM) and differential-mode (DM) noise
over the CISPR22 frequency range of 150 kHz to 30
MHz. The product is designed for use on a 24 Vdc bus
(10-40 Vdc). The QPI-2’s 12 A rating supports multiple
DC-DC converter loads up to a PCB temperature of
60°C. At a 100°C PCB temperature the QPI-2 supports
10 A loads. Designed for a nominal 24 V bus, the QPI-2
supports industrial and COTS applications.
In comparison to passive solutions, the use of active
filtering reduces the volume of the common-mode
choke, providing a low profile, surface mount device.
Smaller size saves valuable board real estate and the
reduced height enhances airflow in blade applications.
The QPI-2 is available in a 1.0" x 1.0" x 0.2" SiP (System
in Package) with LGA mounting. QPI-2-EVAL1 kits are
available for testing the QPI-2. The evaluation board
has a mounted QPI-2 with screw terminals for quick
in-circuit testing.
Check picorpower.com for the QPI-2-EVAL1 evaluation
board and the QPI-AN1 Application Note.
QPI-2L
QuietPower
™
12 Amp Active EMI Filter for 24 V DC Bus
®


Similar Part No. - QPI-2L

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-2-EVAL1 VICOR-QPI-2-EVAL1 Datasheet
126Kb / 2P
Evaluation Board for Active EMI Filters
QPI-21 VICOR-QPI-21 Datasheet
2Mb / 15P
Active EMI Input Module for 48 Vdc Bus
QPI-21-CB1 VICOR-QPI-21-CB1 Datasheet
2Mb / 15P
Active EMI Input Module for 48 Vdc Bus
QPI-21LZ VICOR-QPI-21LZ Datasheet
662Kb / 13P
14A Active EMI Filter SIP for 48 Vdc Bus
QPI-21LZ VICOR-QPI-21LZ Datasheet
2Mb / 15P
Active EMI Input Module for 48 Vdc Bus
More results

Similar Description - QPI-2L

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-4L VICOR-QPI-4L Datasheet
143Kb / 8P
7 Amp Active EMI Filter for 48 V DC Bus
QPI-1L VICOR-QPI-1L Datasheet
238Kb / 8P
12 Amp Active EMI Filter for 48V DC Bus
QPI-3L VICOR-QPI-3L Datasheet
128Kb / 8P
7 Amp Active EMI Filter for 24V DC Bus
QPI-5L VICOR-QPI-5L Datasheet
128Kb / 8P
14 Amp Active EMI Filter for 24V DC Bus
QPI-6L VICOR-QPI-6L Datasheet
162Kb / 8P
14 Amp Active EMI Filter for 48V DC Bus
logo
Powerbox
QPI-3L POWERBOX-QPI-3L Datasheet
1Mb / 1P
ACTIVE EMI FILTER
logo
Vicor Corporation
QPI-21LZ VICOR-QPI-21LZ Datasheet
662Kb / 13P
14A Active EMI Filter SIP for 48 Vdc Bus
logo
ORION FANS
OD5010 ORIONFANS-OD5010 Datasheet
401Kb / 1P
DC Fan - 5, 12, 24V
logo
Vicor Corporation
QPI-6 VICOR-QPI-6 Datasheet
1Mb / 13P
14 A Active EMI Filter SIP for 48 Vdc Bus
QPI-21 VICOR-QPI-21 Datasheet
2Mb / 15P
Active EMI Input Module for 48 Vdc Bus
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com