Electronic Components Datasheet Search
  English  ▼

X  

UDM2A Datasheet(PDF) 3 Page - Apacer Technology Inc.

Part # UDM2A
Description  USB2.0 flash disk module in a small form factor designed for embedded applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

UDM2A Datasheet(HTML) 3 Page - Apacer Technology Inc.

  UDM2A Datasheet HTML 1Page - Apacer Technology Inc. UDM2A Datasheet HTML 2Page - Apacer Technology Inc. UDM2A Datasheet HTML 3Page - Apacer Technology Inc. UDM2A Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Model
UDM2A (Type D)
Interface
USB2.0
Connector
10 pin USB(2x5) female header in 2.54mm
Form Factor
USB Disk Module
Transfer Mode
─
NAND Flash Type
SLC
Capacity
256MB~32GB
Sustained Read Performance (MB/sec)
Up to 44
Sustained Write Performance (MB/sec)
Up to 42
ECC Engine
Built-in 72-bit per 1K bytes BCH ECC
Standard Operating Temperature ( °C )
0 ~ + 70
Extended Operating Temperature ( °C )
-40 ~ + 85
Storage Temperature ( °C )
-40 ~ + 100
H/W Write Protect
No
Shock
Operation:
Acceleration, 50(G)/11(ms)/half sine
(compliant with MIL-STD-202G)
Non-operation:
Acceleration,1,500(G)/0.5(ms)/half sine
(compliant with MIL-STD-883K)
Vibration
Operation:
7.69(Grms), 20~2000(Hz)/random
(compliant with MIL-STD-810G)
Non-operation:
4.02(Grms), 15~2000(Hz)/random
(compliant with MIL-STD-810G)
Operating Voltage
5 V ± 5%
Power Consumption
Active mode: 110 mA & Idle mode:45 mA
Dimension (L x W x H )
36.8 x 26.65 x 5 mm
MTBF (hours)
>2,000,000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com