Electronic Components Datasheet Search
  English  ▼

X  

MPSA77 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPSA77
Description  Darlington Transistors(PNP Silicon)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSA77 Datasheet(HTML) 2 Page - ON Semiconductor

  MPSA77 Datasheet HTML 1Page - ON Semiconductor MPSA77 Datasheet HTML 2Page - ON Semiconductor MPSA77 Datasheet HTML 3Page - ON Semiconductor MPSA77 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPSA75 MPSA77
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
200
–1.0
2.0
TA = 125°C
25
°C
–55
°C
VCE = –2.0 V
–2.0
–3.0
–5.0
–7.0
–10
–20
–30
–50
–100
–300
100
70
50
30
20
10
7.0
5.0
3.0
–0.3
–0.5
–0.7
–70
–200
–5.0 V
–10 V
IC, COLLECTOR CURRENT (mA)
Figure 2. “On” Voltage
–2.0
0
–0.3
TA = 25°C
VBE(on) @ VCE = –5.0 V
–1.6
–1.2
–0.8
–0.4
VCE(sat) @ IC/IB = 1000
IC/IB = 100
–0.5
–1.0
–2 –3 –5
–10
–20 –30 –50
–100 –200 –300
IB, BASE CURRENT (µA)
Figure 3. Collector Saturation Region
–2.0
–0.6
TA = 25°C
IC =
–1.8
–1.6
–1.4
–1.2
–1.0
–0.8
–0.1–0.2
–1 –2
–5 –10 –20 –50 –100–200 –500
–0.5
–1K–2K
–10K
–10 mA –50 mA –100 mA –175 mA
–300 mA
10
4.0
3.0
2.0
0.1
Figure 4. High Frequency Current Gain
IC, COLLECTOR CURRENT (mA)
VCE = –5.0 V
f = 100 MHz
TA = 25°C
1.0
0.4
0.2
–1.0 –2.0
–5.0
–10
–20
–50
–100 –200
–500
–1K
VCE, COLLECTOR VOLTAGE (VOLTS)
–6.0
–10
–20
Figure 5. Active Region, Safe Operating Area
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
–300
–200
–100
–50
–20
–10
–40 –60
100
µs
1.0 ms
TA = 25°C
–1000
(DUTY CYCLE
≤ 10%)
1.0 s
TC = 25°C
MPSA75
–1.0
–2.0
–4.0
MPSA77
VBE(sat) @ IC/IB = 100
–5K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com