Electronic Components Datasheet Search
  English  ▼

X  

T22 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T22
Description  Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T22 Datasheet(HTML) 2 Page - Vishay Siliconix

  T22 Datasheet HTML 1Page - Vishay Siliconix T22 Datasheet HTML 2Page - Vishay Siliconix T22 Datasheet HTML 3Page - Vishay Siliconix T22 Datasheet HTML 4Page - Vishay Siliconix T22 Datasheet HTML 5Page - Vishay Siliconix T22 Datasheet HTML 6Page - Vishay Siliconix T22 Datasheet HTML 7Page - Vishay Siliconix T22 Datasheet HTML 8Page - Vishay Siliconix T22 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
T22
www.vishay.com
Vishay
Revision: 13-May-2020
2
Document Number: 40187
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
VOLTAGE CODE
VCODE
50
T
75
S
100
R
125
B
STANDARD RATINGS
CAPACITANCE
AT +25 °C
120 Hz
(μF)
CASE
CODE
PART NUMBER
MAX. ESR
AT +25 °C
120 Hz
(
)
MAX. IMP.
AT -55 °C
120 Hz
(
)
MAX. DCL
(μA) AT
MAX. CAPACITANCE
CHANGE (%)
AC
RIPPLE
+85 °C
40 kHz
(mARMS)
+25 °C
+85 °C
AND
+125 °C
-55 °C
+85 °C +125 °C
50 VDC AT +85 °C; 30 VDC AT +125 °C
68
C
T22C686(1)050(2)(3)(4)
1.50
35
1
5
-25
8
15
1650
75 VDC AT +85 °C; 50 VDC AT +125 °C
33
C
T22C336(1)075(2)(3)(4)
2.50
66
1
5
-25
5
9
1310
100 VDC AT +85 °C; 65 VDC AT +125 °C
15
C
T22C156(1)100(2)(3)(4)
3.50
125
1
5
-18
3
10
1030
125 VDC AT +85 °C; 85 VDC AT +125 °C
10
C
T22C106(1)125(2)(3)(4)
5.50
175
1
5
-15
3
10
832
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, H, E, L, R, U
(3) Reliability level: Z, S
(4) ESR: S
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT +25 °C (W) IN FREE AIR
C0.9
STANDARD PACKAGING QUANTITY
CASE CODE
UNITS PER REEL
7" FULL REEL
7" HALF REEL
7" PARTIAL REEL
C
100
50
25
686T
YYXX
2
Polarity mark
Voltage
Week
Capacitance
Year
Trademark



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com