Electronic Components Datasheet Search
  English  ▼

X  

WFM Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WFM
Description  Power Metal Plate™ Current Sense Resistors, Low Value (10 mΩ to 500 mΩ), Surface-Mount, High Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WFM Datasheet(HTML) 2 Page - Vishay Siliconix

  WFM Datasheet HTML 1Page - Vishay Siliconix WFM Datasheet HTML 2Page - Vishay Siliconix WFM Datasheet HTML 3Page - Vishay Siliconix WFM Datasheet HTML 4Page - Vishay Siliconix WFM Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WFM
www.vishay.com
Vishay Dale
Revision: 13-May-2020
2
Document Number: 30387
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Element TCR - only applies to the alloy used for the resistor element
(2) Component TCR - total TCR that includes the TCR effects of the resistor element and the copper terminal
(3) Maximum working voltage - the WFM is not voltage sensitive, but is limited by power / energy dissipation and is also not ESD sensitive
DIMENSIONS
CONSTRUCTION OUTLINE (1)
Notes
• 3D models available: www.vishay.com/doc?30401
• Surface mount solder profile recommendations: www.vishay.com/doc?31052
(1) For construction advantages and performance details refer to “Did You Know?”: www.vishay.com/doc?48567
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
MODEL
RESISTOR CHARACTERISTICS
2010
2512
Temperature coefficient
(20 °C to 60 °C)
(element only) (1)
ppm/°C
All
< 20
Operating temperature range
°C
All
-65 to +170
Maximum working voltage (3)
VAll
(P x R)1/2
Maximum terminal temperature
°C
All
110
95
Temperature coefficient
(-55 °C to +150 °C)
(including terminals) (2)
ppm/°C
WFMA
± 110
± 110
WFMB
± 50
± 50
Temperature coefficient
(20 °C to 60 °C)
(including terminals) (2)
ppm/°C
WFMA
± 30
± 40
WFMB
± 20
± 20
l
b
a
Typical sensing traces
T1
H
T2
L
W
6
7
5
4
3
2
1
1
Sn plating
2
Ni plating
3
Adhesive
4
Cu heat spreaders
5
Overcoat
6
Cu plating
7
Resistive element
CASE
SIZE
RESISTANCE
RANGE
(m
)
DIMENSIONS in inches (millimeters)
SOLDER PAD DIMENSIONS
in inches (millimeters)
L
W
H
T1
T2
a
b
l
2010
10 to 500
0.200 ± 0.008
(5.08 ± 0.20)
0.100 ± 0.008
(2.54 ± 0.20)
0.020 ± 0.006
(0.50 ± 0.15)
0.028 ± 0.008
(0.70 ± 0.20)
0.016 ± 0.006
(0.40 ± 0.15)
0.049
(1.25)
0.118
(3.00)
0.138
(3.50)
2512
10 to 500
0.250 ± 0.012
(6.35 ± 0.30)
0.125 ± 0.008
(3.18 ± 0.20)
0.020 ± 0.006
(0.50 ± 0.15)
0.035 ± 0.008
(0.90 ± 0.20)
0.020 ± 0.008
(0.50 ± 0.20)
0.061
(1.55)
0.142
(3.60)
0.173
(4.40)
PRODUCT
RESISTANCE RANGE
(
)
THERMAL RESISTANCE
(°C/W)
ALLOY
WFMA2010
0.01 to 0.0329
< 30
Mn-Cu
WFMB2010
0.033 to 0.5
< 55
Ni-Cr
WFMA2512
0.01 to 0.0329
< 25
Mn-Cu
WFMB2512
0.033 to 0.5
< 40
Ni-Cr



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com