Electronic Components Datasheet Search
  English  ▼

X  

PS404 Datasheet(PDF) 3 Page - SJM Prewell. All Rights Reserved.

Part # PS404
Description  CATV Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PS404 Datasheet(HTML) 3 Page - SJM Prewell. All Rights Reserved.

  PS404 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PS404 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PS404 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PS404 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PS404 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PS404 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
http://www.prewell.com
3
CATV Amplifier
SJM PREWELL
PS404
Products and product information are subject to change without notice. Version 0.3
45 -1500MHz CATV Application Circuit
0
300
600
900
1200
1500
0
1
2
3
4
5
6
25℃
Frequency (MHz)
NF vs. Frequency
0
300
600
900
1200
1500
0
8
16
24
32
40
48
25℃
Frequency (MHz)
OIP3 vs Frequency
S-parameter
NF vs. Frequency
OIP3 vs. Frequency
RF IN
RF OUT
10nF
10nF
1uH
10nF
1uF
Supply
Voltage
RBIAS
Vs
Vd
10pF
20Ω
0
300
600
900
1200
1500
0
4
8
12
16
20
24
25℃
Frequency (MHz)
P1dB vs Frequency
0
200
400
600
800
20
30
40
50
60
70
80
25℃
Frequency (MHz)
CSO vs. Frequency
132 channels, +15dBmV/channel flat loading
0
200
400
600
800
40
50
60
70
80
90
100
25℃
Frequency (MHz)
CTB vs. Frequency
132 channels, +15dBmV/channel flat loading
CSO vs. Frequency
132 channels,15dBmV/channelflatloading
CTB vs. Frequency
132 channels,15dBmV/channelflatloading
P1dB vs. Frequency
Recommended Bias Values
SupplyVoltage(V)
RBIASValue(ohm)
Size
5
22.0
1210
6
39.0
1210
8
75.0
2010
10
110.0
2010
12
150.0
2512
RBIAS=(Vs–Vd)/Id
1)Measurement forourdatasheet wasmade on1.6mmthick FR-4
Board.And75ohmmicrostrip line
0
300
600
900
1200
1500
-30
-20
-10
0
10
20
30
S11
S22
Frequency (MHz)
S21



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com