Electronic Components Datasheet Search
  English  ▼

X  

PSC13A Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PSC13A
Description  Single Ended 3-Way Active Splitter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PSC13A Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PSC13A Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PSC13A Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PSC13A Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PSC13A Datasheet HTML 4Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.prewell.com
2
Single Ended 3-Way Active Splitter
SJM PREWELL
PSC13A
Products and product information are subject to change without notice. Version 0.3
0
200
400
600
800
1000
1200
-30
-24
-18
-12
-6
0
Out1
Out2
Out3
Frequency (MHz)
Input Return Loss
Component Values of Application
Circuit
Component
Value
Remark
C1,C2,C3,C4,C5,C6
0.01uF
L1
1uH
1210package
L2
5.1nH
R1,R2
180Ω
R3,R4,R5
390Ω
RF Application Circuit
VDD
IN
C1
C2
C3
L1
L2
R1
R2
C4
C5
C6
R3
R4
R5
OUT1
OUT2
OUT3
0
200
400
600
800
1000
1200
0
1
2
3
4
5
Out1
Out2
Out3
Frequency (MHz)
Gain vs Frequency
0
200
400
600
800
1000
1200
0
1
2
3
4
5
25℃
-40℃
85℃
Frequency (MHz)
Gain vs Frequency
0
200
400
600
800
1000
1200
-30
-24
-18
-12
-6
0
25℃
-40℃
85℃
Frequency (MHz)
Input Return Loss
0
200
400
600
800
1000
1200
-20
-16
-12
-8
-4
0
Out1
Out2
Out3
Frequency (MHz)
Output Return Loss
0
200
400
600
800
1000
1200
-20
-16
-12
-8
-4
0
25℃
-40℃
85℃
Frequency (MHz)
Output Return Loss
Input Return Loss
Gain vs. Frequency
Input Return Loss (Out1)
Output Return Loss
Output Return Loss (Out1)
Gain (Out1) vs. Frequency



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com