Electronic Components Datasheet Search
  English  ▼

X  

PW114 Datasheet(PDF) 4 Page - SJM Prewell. All Rights Reserved.

Part # PW114
Description  Gain Block
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PW114 Datasheet(HTML) 4 Page - SJM Prewell. All Rights Reserved.

  PW114 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PW114 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PW114 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PW114 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PW114 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
http://www.prewell.com
4
Gain Block
SJM PREWELL
PW114
Products and product information are subject to change without notice. Version 0.9
0
200
400
600
800
1000
-60
-50
-40
-30
-20
-10
0
25℃
-40℃
85℃
Frequency (MHz)
Input Return Loss
0
200
400
600
800
1000
-25
-20
-15
-10
-5
0
25℃
-40℃
85℃
Frequency (MHz)
Output Return Loss
Parameters
Units
Frequency (MHz)
50
70
140
250
500
900
S21
dB
19.3
19.3
19.3
19.2
18.9
18.5
S11
dB
-23
-25
-30
-32
-32
-25
S22
dB
-11
-12
-12
-12
-13
-16
P1dB
dBm
19.7
19.7
19.8
19.8
19.7
19.1
OIP3 @ 8dBm
dBm
40.5
40.2
41.0
39.2
37.1
34.2
NF
dB
3.6
3.6
3.7
3.8
3.9
3.9
Typical RF Performance for 50 -1000MHz Tuned Application Circuit Ⅱ
Supply Bias Voltage = 5V, R(bias)= 2ohm, Current= 86mA
0
200
400
600
800
1000
14
16
18
20
22
24
25℃
-40℃
85℃
Frequency (MHz)
Gain vs Frequency
Input Return Loss
Output Return Loss
Gain vs. Frequency
RF IN
RF OUT
10nF
10nF
820nH
10nF
1uF
Supply
Voltage
RBIAS
3.3nH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com