Electronic Components Datasheet Search
  English  ▼

X  

PW111 Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PW111
Description  CATV Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PW111 Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PW111 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PW111 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PW111 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.prewell.com
2
CATV Amplifier
SJM PREWELL
PW111
Products and product information are subject to change without notice. Version 0.6
0
150
300
450
600
750
900
1050
1200
1350
1500
16
20
24
28
32
36
40
25℃
Frequency (MHz)
0
150
300
450
600
750
900
1050
1200
1350
1500
0
4
8
12
16
20
24
25℃
Frequency (MHz)
0
150
300
450
600
750
900
1050
1200
1350
1500
-30
-20
-10
0
10
20
30
Gain
Input Return Loss
Output Return Loss
Frequency (MHz)
0
100
200
300
400
500
600
700
800
900
1000
60
65
70
75
80
85
90
Rbias : 18.6ohm_69mA
Frequency (MHz)
CTB vs. Frequency
132 channels, 20dBmV/channel flat loading, 25℃
0
100
200
300
400
500
600
700
800
900
1000
45
50
55
60
65
70
75
Rbias : 18.6ohm_69mA
Frequency (MHz)
CSO vs. Frequency
132 channels, 20dBmV/channel flat loading, 25℃
0
150
300
450
600
750
900
1050
1200
1350
1500
0
1
2
3
4
5
6
25℃
Frequency (MHz)
NF vs. Frequency
S-parameter vs. Frequency
40
– 1500MHz CATV Application Circuit
RF IN
RF OUT
10nF
10nF
820nH
10uF
1uF
Supply
Voltage
RBIAS
100nH
100Ω
Supply Voltage
( V )
R bias Value
(ohm)
Size
6
18.6
1210
8
47.2
1210
10
76.5
2010
12
105.6
2512
Recommended Bias Values
P1dB vs. Frequency
OIP3 vs. Frequency



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com