Electronic Components Datasheet Search
  English  ▼

X  

PW113 Datasheet(PDF) 3 Page - SJM Prewell. All Rights Reserved.

Part # PW113
Description  Wideband Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PW113 Datasheet(HTML) 3 Page - SJM Prewell. All Rights Reserved.

  PW113 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PW113 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PW113 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PW113 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.prewell.com
3
Wideband Amplifier
SJM PREWELL
PW113
Products and product information are subject to change without notice. Version 0.9
0
200
400
600
800
1000
2
3
4
5
6
7
8
25℃
Frequency (MHz)
NF vs. Frequency
0
300
600
900
1200
1500
-30
-20
-10
0
10
20
30
S22
S11
Frequency (MHz)
S21
45 -1500MHz CATV Application Circuit
0
300
600
900
1200
1500
0
10
20
30
40
50
60
25℃
Frequency (MHz)
OIP3 vs Frequency
S-parameter
NF vs. Frequency
OIP3 vs. Frequency
RF IN
RF OUT
10nF
10nF
1uH
10nF
1uF
Supply
Voltage
RBIAS
Vs
Vd
10pF
20Ω
0
300
600
900
1200
1500
0
5
10
15
20
25
30
25℃
Frequency (MHz)
P1dB vs Frequency
0
200
400
600
800
45
50
55
60
65
70
75
25℃
Frequency (MHz)
CSO vs. Frequency
132 channels, +15dBmV/channel flat loading
0
200
400
600
800
65
70
75
80
85
90
95
25℃
Frequency (MHz)
CTB vs. Frequency
132 channels, +15dBmV/channel flat loading
CSO vs. Frequency
132 channels, 25dBmV/channel flat loading
CTB vs. Frequency
132 channels, 25dBmV/channel flat loading
P1dB vs. Frequency
Recommended Bias Values
Supply Voltage ( V )
R
BIAS Value
(ohm)
Size
5
3.0
0805
6
15.0
0805
8
36.0
1210
10
62.0
2010
12
82.0
2512
R
BIAS = ( Vs – Vd ) / Id
1) Measurement for our datasheet was made on 1.6mm thick FR-4
Board and 75 ohm microstrip line.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com