Electronic Components Datasheet Search
  English  ▼

X  

PW114 Datasheet(PDF) 4 Page - SJM Prewell. All Rights Reserved.

Part # PW114
Description  CATV Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PW114 Datasheet(HTML) 4 Page - SJM Prewell. All Rights Reserved.

  PW114 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PW114 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PW114 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PW114 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
http://www.prewell.com
4
CATV Amplifier
SJM PREWELL
PW114
Products and product information are subject to change without notice. Version 0.9
Land Pattern
Evaluation Board Layout (30x40)
Lead-free /RoHS Compliant / Green SOT-89 Package Outline
Mounting Instructions
1 Use a large ground pad area with many plated through-holes as shown.
2 We recommend 1 oz copper minimum.
3 Measurement for our data sheet was made on 1.6mm thick FR-4 Board.
4 RF trace width depends on the board material and construction.
5 Add mounting screws near the part to fasten the board to a heatsink.
6 Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance.
REF.
DIMENSIONS (mm)
Min.
Max.
A
1.40
1.60
B
0.43
0.58
B1
0.36
0.54
C
0.35
0.46
D
4.30
4.70
D1
1.50
1.87
E
2.29
2.70
E1
2.13
2.18
e
1.5
e1
3.0
H
3.43
5.10
L
0.74
1.20
Product Code
Lot Number
POOOO
X X X X



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com