Electronic Components Datasheet Search
  English  ▼

X  

PW115 Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PW115
Description  CATV Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PW115 Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PW115 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PW115 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PW115 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PW115 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.prewell.com
2
CATV Amplifier
SJM PREWELL
PW115
Products and product information are subject to change without notice. Version 0.9
0
200
400
600
800
1000
-45
-30
-15
0
15
30
S11
S22
25℃
-40℃
85℃
Frequency (MHz)
S21
45 -1000MHz CATV Application Circuit
Recommended Bias Values
Supply Voltage ( V )
R
BIAS Value
(ohm)
Size
5
2.0
0805
6
13.0
0805
8
36.0
1210
10
62.0
2010
12
82.0
2512
R
BIAS = ( Vs – Vd ) / Id
1) Measurement for our datasheet was made on 1.6mm thick FR-4
Board. And 75 ohm microstrip line
0
200
400
600
800
1000
1
2
3
4
5
6
25℃
Frequency (MHz)
NF vs. Frequency
0
200
400
600
800
1000
24
28
32
36
40
44
25℃
Frequency (MHz)
OIP3 vs Frequency
0
200
400
600
800
1000
0
5
10
15
20
25
25℃
Frequency (MHz)
P1dB vs Frequency
S-parameter
NF vs. Frequency
P1dB vs. Frequency
OIP3 vs. Frequency
RF IN
RF OUT
10nF
10nF
1uH
10nF
1uF
Supply
Voltage
RBIAS
0.5pF
0
200
400
600
800
40
50
60
70
80
90
25℃
Frequency (MHz)
CSO vs. Frequency
132 channels, +25dBmV/channel flat loading
0
200
400
600
800
40
50
60
70
80
90
25℃
Frequency (MHz)
CTB vs. Frequency
132 channels, +25dBmV/channel flat loading
CSO vs. Frequency
132 channels, 25dBmV/channel flat loading
CTB vs. Frequency
132 channels, 25dBmV/channel flat loading



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com