Electronic Components Datasheet Search
  English  ▼

X  

IPS160HFTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # IPS160HFTR
Description  Single channel high-side switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS160HFTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button IPS160HFTR Datasheet HTML 4Page - STMicroelectronics IPS160HFTR Datasheet HTML 5Page - STMicroelectronics IPS160HFTR Datasheet HTML 6Page - STMicroelectronics IPS160HFTR Datasheet HTML 7Page - STMicroelectronics IPS160HFTR Datasheet HTML 8Page - STMicroelectronics IPS160HFTR Datasheet HTML 9Page - STMicroelectronics IPS160HFTR Datasheet HTML 10Page - STMicroelectronics IPS160HFTR Datasheet HTML 11Page - STMicroelectronics IPS160HFTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Figure 5. Propagation delay at start-up
VCC
t
t
VOUT
t
td(Vcc-on)
VUVON
10%
VIN
Table 7. Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
0.8
V
VIH
Input high level voltage
2.2
VI(HYST)
Input hysteresis voltage
0.4
IIN
Input current
VCC = VIN = 36 V
200
μA
VCC = VIN = 60 V
550
IPS160HF, IPS161HF
Electrical characteristics
DS13271 - Rev 2
page 8/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com