Electronic Components Datasheet Search
  English  ▼

X  

ISM303DAC Datasheet(PDF) 14 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 10Page - STMicroelectronics ISM303DAC Datasheet HTML 11Page - STMicroelectronics ISM303DAC Datasheet HTML 12Page - STMicroelectronics ISM303DAC Datasheet HTML 13Page - STMicroelectronics ISM303DAC Datasheet HTML 14Page - STMicroelectronics ISM303DAC Datasheet HTML 15Page - STMicroelectronics ISM303DAC Datasheet HTML 16Page - STMicroelectronics ISM303DAC Datasheet HTML 17Page - STMicroelectronics ISM303DAC Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
Module specifications
ISM303DAC
14/80
DocID030988 Rev 2
M_R
Magnetic RMS noise(13)
High-performance mode
3
5
mgauss
(RMS)
ST
Self-test positive difference(14)
(accelerometer only)
70
1500
mg
M_ST
Magnetic self-test(15)
15
500
mgauss
Top
Operating temperature range
-40
+85
°C
1. Min/Max values are based on characterization results, not tested in production and not guaranteed.
2. Typical specifications are not guaranteed.
3. The typical value of the magnetic dynamic range applies when the magnetic field is fully aligned with one of the sensitive
axes. In presence of a stray field in the cross-axis direction, the magnetic dynamic range (max module) can decrease down
to the min value.
4. Sensitivity calculated at 16-bit.
5. Values after calibration test and trimming.
6. Measurements are performed in a uniform temperature setup and they are based on characterization data in a limited
number of samples, not measured during final test for production.
7. Typical zero-g level offset value after calibration and trimming.
8. Offset can be eliminated by enabling the slope filter.
9. Based on characterization data on a limited number of samples, not measured during final test for production.
10. Excluding drift due to magnetic shock.
11. Noise density is the same for all ODR.
12. RMS noise is the same for all ODR.
13. With low-pass filter or offset cancellation enabled.
14. “Self-test positive difference” is defined as: OUTPUT[mg](CTRL3 ST2, ST1 bits=01) - OUTPUT[mg](CTRL3 ST2, ST1 bits=00).
15. Magnetic “self-test” is defined as OUTPUT[gauss](self-test enabled) - OUTPUT[gauss](self-test disabled).
Table 3. Sensor characteristics (continued)
Symbol
Parameter
Test conditions
Min.(1)
Typ.(2)
Max.(1)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com