Electronic Components Datasheet Search
  English  ▼

X  

PCF85063AT Datasheet(PDF) 60 Page - NXP Semiconductors

Part # PCF85063AT
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button PCF85063AT Datasheet HTML 56Page - NXP Semiconductors PCF85063AT Datasheet HTML 57Page - NXP Semiconductors PCF85063AT Datasheet HTML 58Page - NXP Semiconductors PCF85063AT Datasheet HTML 59Page - NXP Semiconductors PCF85063AT Datasheet HTML 60Page - NXP Semiconductors PCF85063AT Datasheet HTML 61Page - NXP Semiconductors PCF85063AT Datasheet HTML 62Page - NXP Semiconductors PCF85063AT Datasheet HTML 63Page - NXP Semiconductors PCF85063AT Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 65 page
background image
PCF85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 7 — 30 March 2018
60 of 65
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
23. Revision history
Table 47.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCF85063A v.7
20180330
Product data sheet
201801014IU01
PCF85063A v.6
Modifications:
• Table 4 “Pin description”: Added Table note 2 to INT, SDA, and SCL
• Added Section 9.5.2.1 “I2C-bus error recovery technique”
• Table 41 “Static characteristics”: Updated Table note 1
• Updated Figure 31 “Application diagram for PCF85063A”; added Figure note 2 and Figure
note 3
• Table 40 “Limiting values[1]”: Added Table note 1
• Clarified reset information in Section 8.2 and Section 8.2.1.3.
PCF85063A v.6
20151118
Product data sheet
-
PCF85063A v.5
Modifications:
• Updated Table 4 “Pin description” Table note 1
• Adjusted Section 8.2.2.4 paragraph 2
• Updated Table 11 “CLKOUT frequency selection” Table note 2
• Table 41 “Static characteristics”:
– Corrected VI min from VSS to 0.5 V
– Corrected VIL min from VSS to 0.5 V
– Corrected VIH max from VDD to 5.5 V
– Corrected Table note 1
– Added Table note 2
• Added text to Section 14 “Application information”
PCF85063A v.5
20150506
Product data sheet
-
PCF85063A v.4
Modifications:
• Added the 7” reel delivery form for PCF85063AT
• Adjusted Section 8.2.2.2
PCF85063A v.4
20141124
Product data sheet
-
PCF85063A v.3
PCF85063A v.3
20140604
Product data sheet
-
PCF85063A v.2
PCF85063ATL v.2
20130415
Product data sheet
-
PCF85063ATL v.1
PCF85063ATL v.1
20130225
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com