Electronic Components Datasheet Search
  English  ▼

X  

AH322 Datasheet(PDF) 3 Page - Apacer Technology Inc.

Part # AH322
Description  Apacer USB drive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

AH322 Datasheet(HTML) 3 Page - Apacer Technology Inc.

  AH322 Datasheet HTML 1Page - Apacer Technology Inc. AH322 Datasheet HTML 2Page - Apacer Technology Inc. AH322 Datasheet HTML 3Page - Apacer Technology Inc. AH322 Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Model
AH322
Interface
USB 2.0
Connector
USB 2.0 A Type Plug
Form Factor
USB flash drive
NAND Flash Type
SLC
Capacity
256MB~32GB
Sustained Read Performance (MB/sec)
Up to 34
Sustained Write Performance (MB/sec)
Up to 22
ECC Engine
Built-in 24-bit per 1K bytes BCH ECC
Standard Operating Temperature ( °C )
0 ~ + 70
Extended Operating Temperature ( °C )
-40 ~ + 85
Storage Temperature ( °C )
-40 ~ + 100
Shock
Operation: 50G, 11ms
Non-operation: 1500G, 0.5ms
Vibration
Operation: 7.69 Grms, 20~2000 Hz/random
(comply with MIL-STD-810G)
Non-operation: 15 G, 10 ~ 2000 Hz/sine
Operating Voltage
5.0 V ± 5%
Power Consumption
Active mode: 185 mA & Idle mode: 65 mA
Dimension (L x W x H )
55.29 x 18.00 x 8.50
MTBF (hours)
>3,000,000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com