Electronic Components Datasheet Search
  English  ▼

X  

CV110-SD Datasheet(PDF) 2 Page - Apacer Technology Inc.

Part # CV110-SD
Description  ApacerSDCV110-SD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

CV110-SD Datasheet(HTML) 2 Page - Apacer Technology Inc.

  CV110-SD Datasheet HTML 1Page - Apacer Technology Inc. CV110-SD Datasheet HTML 2Page - Apacer Technology Inc. CV110-SD Datasheet HTML 3Page - Apacer Technology Inc. CV110-SD Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CV110-SD
Overview
•
Compliant with SD 4.0 Specification
•
S.M.A.R.T supported
•
Wear-Leveling and Block Management
•
Support Class 10 with UHS-I
•
Low Power Consumption
•
Wide Temperature Support(Optional)
•
DataRAID™
•
SMART Read Refresh ™
Apacer SD CV110-SD is compatible with the SD card version 6.1. The
command list supports [Physical Layer Specification Ver6.10 Final]
definitions. Card Capacity of Non-secure Area, Secure Area Supports
[Part 3 Security Specification Ver4.00 Final] Specifications.
The SD 6.1 card comes with 9-pin interface designed to operate at a
maximum
operating
frequency
of
208MHz.
It
can
alternate
communication protocol between the SD mode and SPI mode. It
performs data error detection and correction with very low power
consumption. It supports capacity up to 256GB with exFAT SDXC.
Apacer SD CV110-SD Secure Digital 4.0 card with high performance,
good reliability and wide compatibility is nowadays one of the most
popular cards well adapted for hand-held applications with customized
firmware techniques in semi-industrial/medical markets already.
Feature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com