Electronic Components Datasheet Search
  English  ▼

X  

MSATA-A1 Datasheet(PDF) 2 Page - Apacer Technology Inc.

Part # MSATA-A1
Description  mSATA A1 modular SSD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

MSATA-A1 Datasheet(HTML) 2 Page - Apacer Technology Inc.

  MSATA-A1 Datasheet HTML 1Page - Apacer Technology Inc. MSATA-A1 Datasheet HTML 2Page - Apacer Technology Inc. MSATA-A1 Datasheet HTML 3Page - Apacer Technology Inc. MSATA-A1 Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
mSATA A1
Overview
‧ Mini PCIe form factor(50.8x29.8mm)
‧ Compliant with JEDEC MO-300 standard
‧ High IOPs (4K Random Write): Up to 77K
‧ Global wear-leveling and Block Management
‧ Built-in ATA Secure Erase and S.M.A.R.T. Functions
‧ Intelligent Power Failure Recovery
‧ Intel® Rapid Start and Intel® Smart Response support
‧ Support Device Sleep (DEVSLP)
Apacer’s mSATA A1 modular SSD is only one-third the size of credit
card. With dimensions of 50.8 x 29.8mm and the product thickness
being only that of a single PCB panel, it can streamline the space on
the motherboard and free itself from the limit of the dimensions of
the traditional mechanical hard-disk foot-print. In terms of product
performance, the mSATA A1 delivers excellent numbers. It uses
high-speed ONFi 2.2 DDR NAND Flash memory and the cache
memory of plug-in DDRII, realizing maximum sequential read/write
speeds of 470/470 MB/sec and IOPs of up to 70K, providing
remarkable performance. In addition, thanks to its high speed, the
newly launched product supports Intel® Rapid Start and Intel®
Smart Response technologies, especially fit for high-speed
Ultrabooks and it is capable of starting-up within seconds,
delivering perfect high performance and a smooth operating
environment.
Feature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com