Electronic Components Datasheet Search
  English  ▼

X  

MPF5024AMBA0ES Datasheet(PDF) 57 Page - NXP Semiconductors

Part # MPF5024AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMBA0ES Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button MPF5024AMBA0ES Datasheet HTML 53Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 54Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 55Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 56Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 57Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 58Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 59Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 60Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
57 / 93
15.3.1 Electrical characteristics
Table 50. VMON electrical characteristics
All parameters are specified at TA = –40 °C to 125 °C, unless otherwise noted. Typical values are characterized at VIN =
5.0 V, VxFB = 1.5 V (Type 1 Buck regulator), and TA = 25 °C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Unit
IQON
Block quiescent current, when block is enabled one block
per regulator
one block per regulator
—
10
13
µA
IOFF
Block leakage current when disabled
—
—
500
nA
tON_MON
Voltage monitor settling time after enabled
—
—
30
µs
VxFBUVHysteresis
Power good (UV) hysteresis
Voltage difference between UV rising and falling
thresholds
—
0.5
—
%
VUV_Tol
Undervoltage falling threshold accuracy
With respect to target feedback voltage tolerance
For type 1 switching regulator when VSWxFB > 0.75 V
−2
—
2
%
VUV_Tol
Under voltage falling threshold accuracy
With respect to target feedback voltage
For type 1 switching regulator when VSWxFB ≤ 0.75 V
−3
—
3
%
Power good (UV) debounce time UV_DV = 00
2.5
5.0
7.5
Power good (UV) debounce time UV_DV = 01
10
15
20
Power good (UV) debounce time UV_DV = 10
20
30
40
tUV_DB
Power good (UV) debounce time UV_DV = 11
25
40
55
µs
VOV_Tol
Overvoltage rising threshold accuracy
With respect to target feedback voltage tolerance
For type 1 switching regulator when VSWxFB > 0.75 V
−2
—
2
%
VOV_Tol
Overvoltage rising threshold
With respect to target feedback voltage tolerance
For type 1 switching regulator when VSWxFB ≤ 0.75 V
−3
—
3
%
VxFBOVHysteresis
Overvoltage (OV) hysteresis
Voltage difference between OV rising and falling
thresholds
—
0.5
—
%
Power good (OV) debounce time OV_DV = 00
20
30
40
Power good (OV) debounce time OV_DV = 01
35
50
65
Power good (OV) debounce time OV_DV = 10
55
80
105
tOV_DB
Power good (OV) debounce time OV_DV = 11
90
135
160
µs
15.4 Clock management
The clock management provides a top-level management control scheme of internal
clock and external synchronization intended to be primarily used for the switching
regulators. The clock management incorporates various subblocks:
• Low power 100 kHz clock
• Internal high frequency clock with programmable frequency
• Phase Locked Loop (PLL)
A digital clock management interface is in charge of supporting interaction among these
blocks.
The clock management provides clocking signals for the internal state machine, the
switching frequencies for the buck converters as well as the multiples of those switching
frequencies in order to enable phase shifting for multiple phase operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com