Electronic Components Datasheet Search
  English  ▼

X  

MPF5024AMMA0ES Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MPF5024AMMA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMMA0ES Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MPF5024AMMA0ES Datasheet HTML 39Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 40Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 41Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 42Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 43Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 44Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 45Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 46Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
43 / 93
If a PWRON event is present, the device will start a turn on event and proceed to release
the XFAILB pin when its ready to start the power up sequence state. If the XFAILB pin
is pulled down externally during the power up event, the PF5024 will stop the power up
sequence until the pin is no longer pulled down externally. This will help both PMICs to
synchronize the power up sequence allowing it to continue only when both PMICs are
ready to initiate the power up sequence.
A hard WD event will set the XFAILB pin 20 µs before it starts its power down sequence.
After all regulator outputs have been turned off, the device will release the XFAILB pin
internally after a 30 µs delay, proceed to load the default OTP configuration and wait for
the XFAILB pin to be released externally before it can restart the power up sequence.
aaa-029989
Self-Test QPU_Off
System On
LP_Off
Power Up
Sequence
Bidirectional XFAILB (Power UP)
PWRON
States
XFAILB
RESETBMCU
POWER UP
Sequence
Figure 18. XFAILB behavior during a power up sequence
aaa-029990
System On
Off Mode
Power Down
Sequence
Bidirectional XFAILB (Power Down)
FAULT EVENT
EWARN
States
XFAILB
POWER DOWN
Signal
POWER DOWN
Sequence
20 µs
100 µs
Figure 19. XFAILB behavior during a power down sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com