Electronic Components Datasheet Search
  English  ▼

X  

PW117 Datasheet(PDF) 4 Page - SJM Prewell. All Rights Reserved.

Part # PW117
Description  Gain Block
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PW117 Datasheet(HTML) 4 Page - SJM Prewell. All Rights Reserved.

  PW117 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PW117 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PW117 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PW117 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PW117 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
http://www.prewell.com
4
Gain Block
SJM PREWELL
PW117
Products and product information are subject to change without notice. Version 0.9
Parameters
Units
Frequency (MHz)
50
70
140
250
500
900
S21
dB
16.4
16.4
16.4
16.3
16.2
15.8
S11
dB
-17
-17
-18
-18
-18
-19
S22
dB
-15
-16
-17
-18
-17
-16
P1dB
dBm
19.7
19.7
19.7
19.9
19.9
19.3
OIP3 @ 9dBm
dBm
43.0
42.0
42.0
40.4
38.3
36.0
NF
dB
4.1
4.1
4.2
4.2
4.2
4.2
Typical RF Performance for 50 -1000MHz Tuned Application Circuit Ⅱ
Supply Bias Voltage = 5V, R(bias)= 2.4ohm, Current= 105mA
0
200
400
600
800
1000
10
12
14
16
18
20
25℃
-40℃
85℃
Frequency (MHz)
Gain vs Frequency
0
200
400
600
800
1000
-25
-20
-15
-10
-5
0
25℃
-40℃
85℃
Frequency (MHz)
Output Return Loss
0
200
400
600
800
1000
-25
-20
-15
-10
-5
0
25℃
-40℃
85℃
Frequency (MHz)
Input Return Loss
RF IN
RF OUT
10nF
10nF
820nH
10nF
1uF
Supply
Voltage
RBIAS
1.8nH
Input Return Loss
Output Return Loss
Gain vs. Frequency



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com