Electronic Components Datasheet Search
  English  ▼

X  

PW128 Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PW128
Description  CATV Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PW128 Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PW128 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PW128 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PW128 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PW128 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PW128 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.prewell.com
2
CATV Amplifier
SJM PREWELL
PW128
Products and product information are subject to change without notice. Version 0.3
0
100
200
300
400
500
600
40
50
60
70
80
90
100
25℃
Frequency (MHz)
CTB vs. Frequency
77 channels, +35dBmV/channel flat loading
0
100
200
300
400
500
600
30
40
50
60
70
80
90
25℃
Frequency (MHz)
CSO vs. Frequency
132 channels, +15dBmV/channel flat loading
0
150
300
450
600
750
900
2
3
4
5
6
7
8
25℃
Frequency (MHz)
NF vs. Frequency
NF vs. Frequency
0
150
300
450
600
750
900
-40
-30
-20
-10
0
10
20
S22
S11
Frequency (MHz)
S21
45 -1000MHz CATV Application Circuit
Recommended Bias Values
SupplyVoltage(V)
RBIASValue(ohm)
Size
5
3.9
0805
5.3
6.4
0805
6
12.3
0805
7
20.6
1210
8
28.9
1210
9
37.3
2010
10
45.6
2010
12
62.3
2512
1)Measurement forourdatasheet wasmade on1.6mmthickFR-4
Board.And75ohmmicrostrip line
0
100
200
300
400
500
600
0
5
10
15
20
25
30
25℃
Frequency (MHz)
P1dB vs Frequency
0
100
200
300
400
500
600
0
10
20
30
40
50
60
25℃
Frequency (MHz)
OIP3 vs Frequency
S-parameter
P1dB vs. Frequency
OIP3 vs. Frequency
CSO vs. Frequency
77 channels,35dBmV/channelflatloading
CTB vs. Frequency
77 channels,35dBmV/channelflatloading
Vcc=5V
R3
3.9Ω
C7 10nF
C8 1uF
L1
RFChoke
1)
C5
10nF
C6
10nF
R2
240Ω
C2
10nF
L2
RFChoke
1)
C10 1uF
C9 10nF
R4
3.9Ω
R1
240Ω
C3
10nF
C4
10nF
C1
10nF
RF IN
RF OUT
Prewell
PB1T1A
Prewell
PB1T1A
Vcc=5V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com