Electronic Components Datasheet Search
  English  ▼

X  

L64733C Datasheet(PDF) 36 Page - LSI Computer Systems

Part # L64733C
Description  Tuner and Satellite Receiver Chipset
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

L64733C Datasheet(HTML) 36 Page - LSI Computer Systems

Back Button L64733C Datasheet HTML 32Page - LSI Computer Systems L64733C Datasheet HTML 33Page - LSI Computer Systems L64733C Datasheet HTML 34Page - LSI Computer Systems L64733C Datasheet HTML 35Page - LSI Computer Systems L64733C Datasheet HTML 36Page - LSI Computer Systems L64733C Datasheet HTML 37Page - LSI Computer Systems L64733C Datasheet HTML 38Page - LSI Computer Systems L64733C Datasheet HTML 39Page - LSI Computer Systems L64733C Datasheet HTML 40Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
36
L64733/L64734 Tuner and Satellite Receiver Chipset
L64734 AC Timing
This section includes AC timing information for the L64734. During AC
testing, HIGH inputs are driven to 3.0 V, and LOW inputs are driven to
0 V. For transitions between HIGH, LOW, and invalid states, timing
measurements are made at 1.5 V, as shown in Figure 8.
Figure 8
AC Test Load and Waveform for Standard Outputs
For 3-state outputs, timing measurements are made from the point at
which the output turns ON or OFF. An output is ON when its voltage is
greater than 2.5 V or less than 0.5 V. An output is OFF when its voltage
is less than VDD − 0.5 V or greater than 0.5 V, as shown in Figure 9.
VREFP
Reference Voltage, Positive
Input/Output
VREFN
Reference Voltage, Negative
Input/Output
VMID
Reference Voltage, Middle
Input/Output
XCTR_IN
Control Input
Input
XCTR[3:0]
Control Output/Sync Status Flag
Output
XOIN
Crystal Oscillator In
Input
XOOUT
Crystal Oscillator Out
Output
Table 10
L64734 Pin Description Summary (Cont.)
Mnemonic
Description
Type
(Sheet 3 of 3)
CL = 15 pF
Test
Output
Point
1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com