Electronic Components Datasheet Search
  English  ▼

X  

WPJ558 Datasheet(PDF) 2 Page - Compex Systems Pte. Lte.

Part # WPJ558
Description  Multi-function QCA9558 Embedded Board with on-board Wireless
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPEX [Compex Systems Pte. Lte.]
Direct Link  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

WPJ558 Datasheet(HTML) 2 Page - Compex Systems Pte. Lte.

  WPJ558 Datasheet HTML 1Page - Compex Systems Pte. Lte. WPJ558 Datasheet HTML 2Page - Compex Systems Pte. Lte. WPJ558 Datasheet HTML 3Page - Compex Systems Pte. Lte. WPJ558 Datasheet HTML 4Page - Compex Systems Pte. Lte. WPJ558 Datasheet HTML 5Page - Compex Systems Pte. Lte. WPJ558 Datasheet HTML 6Page - Compex Systems Pte. Lte.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
wireless embedded boards
Compex Systems Pte Ltd | www.compex.com.sg | (+65) 6286 2086 | sales@compex.com.sg | Last Updated: 08/01/2020 SL
Copyright © Compex Systems. All rights reserved. COMPEX and the COMPEX logo, are registered trademarks of Compex Systems Pte Ltd.
While every effort is made to ensure the information is accurate, Compex does not accept liability for any errors or mistakes that may arise.
All specifications are subject to change without notice.
RF Performance Table
Mechanical Dimensions
Data Rate
TX Power
(per chain)
TX Power
(3 chains)
Tolerance
2.4GHz
802.11b
1Mbps
23dBm
28dBm
±2dB
2Mbps
23dBm
28dBm
±2dB
5.5Mbps
23dBm
28dBm
±2dB
11Mbps
23dBm
28dBm
±2dB
2.4GHz
802.11g
6Mbps
23dBm
28dBm
±2dB
9Mbps
23dBm
28dBm
±2dB
12Mbps
23dBm
28dBm
±2dB
18Mbps
23dBm
28dBm
±2dB
24Mbps
23dBm
28dBm
±2dB
36Mbps
21dBm
26dBm
±2dB
48Mbps
20dBm
25dBm
±2dB
54Mbps
19dBm
24dBm
±2dB
2.4GHz
802.11n
HT20
MCS 0
23dBm
28dBm
±2dB
MCS 1
22dBm
27dBm
±2dB
MCS 2
22dBm
27dBm
±2dB
MCS 3
22dBm
27dBm
±2dB
MCS 4
21dBm
26dBm
±2dB
MCS 5
21dBm
26dBm
±2dB
MCS 6
20dBm
25dBm
±2dB
MCS 7
18dBm
23dBm
±2dB
Data Rate
RX Specifications
Sensitivity
Tolerance
2.4GHz
802.11b
1Mbps
-95dBm
±2dB
2Mbps
-93dBm
±2dB
5.5Mbps
-90dBm
±2dB
11Mbps
-88dBm
±2dB
2.4GHz
802.11g
6Mbps
-94dBm
±2dB
9Mbps
-94dBm
±2dB
12Mbps
-93dBm
±2dB
18Mbps
-93dBm
±2dB
24Mbps
-90dBm
±2dB
36Mbps
-86dBm
±2dB
48Mbps
-82dBm
±2dB
54Mbps
-79dBm
±2dB
2.4GHz
802.11n
HT20
MCS 0
-94dBm
±2dB
MCS 1
-94dBm
±2dB
MCS 2
-92dBm
±2dB
MCS 3
-88dBm
±2dB
MCS 4
-84dBm
±2dB
MCS 5
-81dBm
±2dB
MCS 6
-78dBm
±2dB
MCS 7
-75dBm
±2dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com