Electronic Components Datasheet Search
  English  ▼

X  

WPQ865 Datasheet(PDF) 4 Page - Compex Systems Pte. Lte.

Part # WPQ865
Description  Multi-function IPQ8065 Embedded Board with 1.7GHz CPU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPEX [Compex Systems Pte. Lte.]
Direct Link  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

WPQ865 Datasheet(HTML) 4 Page - Compex Systems Pte. Lte.

  WPQ865 Datasheet HTML 1Page - Compex Systems Pte. Lte. WPQ865 Datasheet HTML 2Page - Compex Systems Pte. Lte. WPQ865 Datasheet HTML 3Page - Compex Systems Pte. Lte. WPQ865 Datasheet HTML 4Page - Compex Systems Pte. Lte.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Embedded boards
Compex Systems Pte Ltd | www.compex.com.sg | (+65) 6286 2086 | sales@compex.com.sg | Last Updated: 03/07/2019 SL
Copyright © Compex Systems. All rights reserved. COMPEX and the COMPEX logo, are registered trademarks of Compex Systems Pte Ltd.
While every effort is made to ensure the information is accurate, Compex does not accept liability for any errors or mistakes that may arise.
All specifications are subject to change without notice.
Ordering Options
Item Code
Model
Description
WPQ865 6B03PR32F1GBR
WPQ865 6B03
Embedded board with heatsink
WPQ865 6B04PR32F1GBR
WPQ865 6B04
Embedded board with heatsink
SUA3004RWEF
Power adapter
EU power plug supplying 12V, 4A DC jack
SUA3004RWUF
Power adapter
US power plug supplying 12V, 4A DC jack
POEGAT25-EU
POEGAT25
Gigabit IEEE802.3at 25W PoE injector with
EU power plug
POEGAT25-US
POEGAT25
Gigabit IEEE802.3at 25W PoE injector with
US power plug
P-SERIAL CONVERTER
Serial converter
Onboard 4-pin to COM port bridge
Firmware / Software
The WPQ865 is shipped with CompexWRT firmware.
SDKs with QCA binary drivers are available for software developers.
Supported Operating System
•
CompexWRT
•
OpenWRT1
•
LEDE
1. OpenWRT SDK is available without any technical support by Compex unless otherwise stated.
Customization Options
The WPQ865 can be customized for volume applications. Contact our sales representatives for more information.
Custom Embedded Board layout
For more customization, contact us at sales@compex.com.sg



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com