Electronic Components Datasheet Search
  English  ▼

X  

VI-982435 Datasheet(PDF) 2 Page - Vicor Corporation

Part # VI-982435
Description  24Vin / 2Vout / 160Watts DC-DC Converter Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-982435 Datasheet(HTML) 2 Page - Vicor Corporation

  VI-982435 Datasheet HTML 1Page - Vicor Corporation VI-982435 Datasheet HTML 2Page - Vicor Corporation VI-982435 Datasheet HTML 3Page - Vicor Corporation VI-982435 Datasheet HTML 4Page - Vicor Corporation VI-982435 Datasheet HTML 5Page - Vicor Corporation VI-982435 Datasheet HTML 6Page - Vicor Corporation VI-982435 Datasheet HTML 7Page - Vicor Corporation VI-982435 Datasheet HTML 8Page - Vicor Corporation VI-982435 Datasheet HTML 9Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
24Vin/2Vout/160W DC-DC Converter
Rev. 5.2
Page 2 of 9
Set your site on VICOR at www.vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Operating input voltage
18
24
36
Vdc
Input surge withstand
50
Vdc
<100ms
Output voltage setpoint
1.98
2.00
2.02
Vdc
Nominal input; full load; 25°C
Output OVP setpoint
2.79
2.90
3.01
Vdc
25°C; recycle input voltage to restart ( 1 minute off )
Output power
160
Watts
At 100°C baseplate temperature
Efficiency
69.0
71.6
%
Nominal input; 75% of full load; 25°C
Parameter
Min
Typ
Max
Unit
Notes
Line regulation
±0.02
±0.20
%
Low line to high line; full load
Load regulation
±0.06
±0.20
%
No load to full load; nominal input
Temperature regulation
±0.002
±0.005
% / °C
-20 to 100°C
Ripple and noise, p-p
50
63
mV
Nominal input; full load; 25°C; 20MHz bandwidth
Current limit
81.6
92.0
108.0
Amps
Output voltage 95% of nominal
Short circuit current
56
92
108
Amps
Output voltage <250mV
Power sharing accuracy
±2
±5
%
10 to 100% of full load
Programming range
10
110
%
Of nominal output voltage. For trimming below 90%
of nominal, a minimum load of 10% of maximum
rated power may be required.
Parameter
Min
Typ
Max
Unit
Notes
Undervoltage turn-on
17.5
17.9
Vdc
Undervoltage turn-off
14.77
15.30
Vdc
Overvoltage turn-off/on
36.3
37.8
39.6
Vdc
Dissipation, standby
5.1
8.2
Watts
No load
MODULE OPERATING SPECIFICATIONS
MODULE INPUT SPECIFICATIONS
MODULE OUTPUT SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature,
unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
Note: For important information relative to applications where the converter modules are subject to continuous dynamic loading,
contact Vicor applications engineering at 800-927-9474.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com