Electronic Components Datasheet Search
  English  ▼

X  

WSD377 Datasheet(PDF) 3 Page - Compex Systems Pte. Lte.

Part # WSD377
Description  2.4GHz/5GHz WiFi Bluetooth Combination Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPEX [Compex Systems Pte. Lte.]
Direct Link  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

WSD377 Datasheet(HTML) 3 Page - Compex Systems Pte. Lte.

  WSD377 Datasheet HTML 1Page - Compex Systems Pte. Lte. WSD377 Datasheet HTML 2Page - Compex Systems Pte. Lte. WSD377 Datasheet HTML 3Page - Compex Systems Pte. Lte.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
wireless modules
3
Compex Systems Pte Ltd | www.compex.com.sg | (+65) 6286 2086 | sales@compex.com.sg | Last Updated: 17/02/20 SL
Copyright © Compex Systems. All rights reserved. COMPEX and the COMPEX logo, are registered trademarks of Compex Systems Pte Ltd.
While every effort is made to ensure the information is accurate, Compex does not accept liability for any errors or mistakes that may arise.
All specifications are subject to change without notice.
Ordering Configuration
Item Code
Model
Description
WSD377 7A0000-R1.02
WSD377
802.11a/b/g/n/ac 1x1 WiFi+BT, SDIO+UART
Dimensional Drawing
All dimensions are in mm.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com