Electronic Components Datasheet Search
  English  ▼

X  

HM4060 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4060
Description  Switch type lithium battery charge management chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4060 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4060 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4060 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4060 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4060 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4060 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4060 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4060 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4060 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4060 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
管脚定义
HM4060 MSOP-10 封装
10
9
8
7
6
1
2
3
4
5
STAT1
STAT2
VCC
GATE
GND
TTC
BAT
SNS
ISET
VTRIM
序号
符号
I/
O
描述
1
STAT1
O
(STAT1) 绿
(STAT2) 红
描述
2
STAT2
O
灭
灭
没有充电或无电池
灭
亮
正在充电
亮
灭
充电完成
灭
0.5Hz 脉冲
故障状态 (超时和过压)
3
VCC
I
输入电源
4
GATE
O
输出开关驱动
5
GND
-
模拟地
6
TTC
-
振荡器外接电容,确定充电时间限制,当引脚接地,取消限制
7
BAT
I
电池检测输入端
&电流检测输入负端
8
SNS
I
电流检测输入正端
9
ISET
I
外接电阻设置预充电,恒流充电和截止充电电流
10
VTRIM I
外接电阻,与地或者与
BAT 脚之间,微调恒压值
HM
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com