Electronic Components Datasheet Search
  English  ▼

X  

P0420AI Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # P0420AI
Description  N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

P0420AI Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  P0420AI Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD P0420AI Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD P0420AI Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD P0420AI Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD P0420AI Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD P0420AI Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P0420AI / P0420AD
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
200
2
3
4
±100
nA
1
10
0.5
0.7
Ω
10
S
504
77
20
16
2
6
23
33
45
16
4
A
1.6
V
108
nS
382
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
UNIT
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
IF = 4A, dlF/dt = 100A / mS
VDS = 100V, ID @ 4A, VGS = 10V
Forward Voltage
1
Reverse Recovery Time
IS
VSD
td(on)
trr
Qrr
Reverse Recovery Charge
Gate-Source Charge
2
Reverse Transfer Capacitance
IF =4A, VGS = 0V
nS
tr
td(off)
tf
Continuous Current
Fall Time
2
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
V(BR)DSS
Zero Gate Voltage Drain Current
Gate-Body Leakage
Turn-On Delay Time
2
Rise Time
2
Turn-Off Delay Time
2
Input Capacitance
Output Capacitance
Gate-Drain Charge
2
Total Gate Charge
2
Qgd
Qgs
VGS = 0V, VDS = 25V, f = 1MHz
nC
Drain-Source Breakdown Voltage
VGS = 10V, ID = 2A
VDS = 10V, ID = 4A
VGS(th)
Forward Transconductance
1
VGS = 0V, ID = 250mA
Gate Threshold Voltage
DYNAMIC
V
Drain-Source On-State
Resistance
1
VDS = VGS, ID = 250mA
Qg
VDS = 160V, ID = 4A, VGS = 10V
Ciss
Coss
Crss
pF
VDS = 200V, VGS = 0V
IGSS
IDSS
RDS(ON)
VDS = 160V, VGS = 0V , TJ = 125 °C
VDS = 0V, VGS = ±20V
gfs
mA
STATIC
Ver 1.1
2
2013-3-13



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com