Electronic Components Datasheet Search
  English  ▼

X  

P0465CS Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # P0465CS
Description  N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

P0465CS Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  P0465CS Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD P0465CS Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD P0465CS Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD P0465CS Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD P0465CS Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P0465CS
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
650
2.5
3.3
4.5
±100
nA
1
10
2.1
2.6
mΩ
2.7
S
527
49
12
11
3.3
4.4
28
60
91
75
4
A
1
V
367
nS
2.1
mC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
UNITS
SYMBOL
Gate-Body Leakage
VGS(th)
Forward Transconductance
1
VDS =520V, VGS = 0V, TJ = 125°C
VGS = 10V, ID = 2A
Zero Gate Voltage Drain Current
IGSS
Gate Threshold Voltage
VDS = VGS, ID = 250mA
Reverse Transfer Capacitance
Ciss
VDS =10V, ID =2A
Input Capacitance
Qgd
VGS = 10V , VDS = 520V , ID = 4A
Output Capacitance
Qg
Total Gate Charge
2
gfs
PARAMETER
nC
Qgs
TEST CONDITIONS
VSD
nS
VDD = 325V,
ID
@ 4A, V
GS = 10V, RGS = 6Ω
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
td(on)
td(off)
Qrr
Reverse Recovery Charge
Continuous Current
Forward Voltage
1
Reverse Recovery Time
V(BR)DSS
tf
Turn-On Delay Time
2
Rise Time
2
Turn-Off Delay Time
2
trr
IF = 4A, VGS = 0V
Fall Time
2
tr
Gate-Drain Charge
2
Gate-Source Charge
2
DYNAMIC
Drain-Source On-State
Resistance
1
VDS = 650V, VGS = 0V
RDS(ON)
pF
STATIC
Drain-Source Breakdown Voltage
V
VGS = 0V, VDS = 25V, f = 1MHz
mA
IF = 4A, dlF/dt = 100A / μS
VDS = 0V, VGS = ±30V
IDSS
Coss
Crss
LIMITS
VGS = 0V, ID = 250mA
IS
REV 1.0
2
2014-3-20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com