Electronic Components Datasheet Search
  English  ▼

X  

P0502CEA Datasheet(PDF) 1 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # P0502CEA
Description  N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

P0502CEA Datasheet(HTML) 1 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  P0502CEA Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD P0502CEA Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD P0502CEA Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD P0502CEA Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD P0502CEA Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD P0502CEA Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P0502CEA
N-Channel Enhancement Mode MOSFET
PRODUCT SUMMARY
V(BR)DSS
PDFN 3x3P
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted)
RDS(ON)
TC = 100 °C
PARAMETERS/TEST CONDITIONS
Drain-Source Voltage
Gate-Source Voltage
5mΩ @V
GS = 4.5V
70A
Pulsed Drain Current
1
173
58
TC = 25 °C
20
Operating Junction & Storage Temperature Range
ID
20V
SYMBOL
VDS
W
Avalanche Current
IAS
mJ
-55 to 150
±8
EAS
L = 0.1mH
TJ, TSTG
TC = 25 °C
TC = 100 °C
°C
LIMITS
VGS
1.4
16
40
IDM
70
44
13
2.3
UNITS
150
V
A
ID
PD
17
Continuous Drain Current
1,2
Power Dissipation
TA = 25 °C
TA = 70 °C
TA = 25 °C
TA = 70 °C
Avalanche Energy
REV1.0
1
2014/6/16


Similar Part No. - P0502CEA

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0502 PULSE-P0502 Datasheet
129Kb / 2P
Solutions based on impedance, size and current
P0502 PULSE-P0502 Datasheet
129Kb / 2P
SMT COMMON MODE CHOKES
P0502NL PULSE-P0502NL Datasheet
782Kb / 2P
Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available
P0502NL PULSE-P0502NL Datasheet
782Kb / 2P
Solutions based on impedance, size and current, Designed for DC/DC converters, Dielectric strength: 1000VRMS
P0502NL PULSE-P0502NL Datasheet
784Kb / 2P
Solutions based on impedance, size and current
More results

Similar Description - P0502CEA

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com