Electronic Components Datasheet Search
  English  ▼

X  

ISO1640BD Datasheet(PDF) 13 Page - Texas Instruments

Part # ISO1640BD
Description  ISO164x Robust-EMC Bidirectional I2C Digital Isolators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640BD Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO1640BD Datasheet HTML 9Page - Texas Instruments ISO1640BD Datasheet HTML 10Page - Texas Instruments ISO1640BD Datasheet HTML 11Page - Texas Instruments ISO1640BD Datasheet HTML 12Page - Texas Instruments ISO1640BD Datasheet HTML 13Page - Texas Instruments ISO1640BD Datasheet HTML 14Page - Texas Instruments ISO1640BD Datasheet HTML 15Page - Texas Instruments ISO1640BD Datasheet HTML 16Page - Texas Instruments ISO1640BD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
+
Output
-
GNDx
GNDy
VCCx
Ry
VCCy
SDAx or
SCLx
+
Output
GNDx
GNDy
VCCx
Ry
VCCy
0 V
Side x, Side y VCCx,VCCy
Ry
1, 2
3.3 V, 3.3 V 95.3 Ω
2, 1
3.3 V, 3.3 V 953 Ω
or
SDAx or
SCLx
VCCx or
VCCy
Output
VCCx (UVLO+)
0 .9 V
t
UVLO
VCCy
0 V
VCCx
Figure 7-4. tUVLO Test Circuit and Timing Diagrams
www.ti.com
ISO1640
SLLSFC2 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISO1640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com