Electronic Components Datasheet Search
  English  ▼

X  

DRV8300DI Datasheet(PDF) 18 Page - Texas Instruments

Part # DRV8300DI
Description  DRV8300: Three-Phase BLDC Gate Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8300DI Datasheet(HTML) 18 Page - Texas Instruments

Back Button DRV8300DI Datasheet HTML 14Page - Texas Instruments DRV8300DI Datasheet HTML 15Page - Texas Instruments DRV8300DI Datasheet HTML 16Page - Texas Instruments DRV8300DI Datasheet HTML 17Page - Texas Instruments DRV8300DI Datasheet HTML 18Page - Texas Instruments DRV8300DI Datasheet HTML 19Page - Texas Instruments DRV8300DI Datasheet HTML 20Page - Texas Instruments DRV8300DI Datasheet HTML 21Page - Texas Instruments DRV8300DI Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
9.2.1 Design Requirements
Table 9-1 lists the example design input parameters for system design.
Table 9-1. Design Parameters
EXAMPLE DESIGN PARAMETER
REFERENCE
EXAMPLE VALUE
Gate Supply Voltage
VGVDD
12 V
Gate Charge
QG
50 nC
Switching frequency
fSW
25 kHz
Slew Rate of MOSFET
tSLEW
100 nS
9.2.2 Detailed Design Procedure
Bootstrap Capacitor and GVDD Capacitpr Selection
The bootstrap capacitor must be sized to maintain the bootstrap voltage above the undervoltage lockout for
normal operation. Equation 1 calculates the maximum allowable voltage drop across the bootstrap capacitor:
¿8$56: = 8)8&& F 8$116& F 8$5678
(1)
=12V – 0.85V – 4.5V = 6.65V
where
• VGVDD is the supply voltage of the gate drive
• VBOOTD is the forward voltage drop of the bootstrap diode
• VBSTUV is the threshold of the bootstrap undervoltage lockout
In this example the allowed voltage drop across bootstrap capacitor is 6.65 V. It is generally recommended that
ripple voltage on both the bootstrap capacitor and VDD capacitor should be minimized as much as possible.
Many of commercial, industrial, and automotive applications use ripple value of 0.5 V.
The total charge needed per switching cycle can be estimated with Equation 2:
3616 = 3) +
+.$5_64#05
B59
(2)
=50nC + 220uA/20kHz = 50nC + 11nC = 61nC
where
• QG is the total MOSFET gate charge
• ILBS_TRAN is the boostrap pin leakage current
• fSW is the is the PWM frequency
The minimum bootstrap capacitor can then be estimated as below:
%$56_/+0 =
3616
¿8$56:
W
(3)
= 111nC / 4.5V = 24.7nF
The calculated value of minimum bootstrap capacitor is 24.7 nF. It should be noted that, this value of
capacitance is needed at full bias voltage. In practice, the value of the bootstrap capacitor must be greater than
calculated value to allow for situations where the power stage may skip pulse due to various transient conditions.
It is recommended to use a 100-nF bootstrap capacitor in this example. It is also recommenced to include
enough margin and place the bootstrap capacitor as close to the BSTx and SHx pins as possible. For this
application, choose a CBOOT capacitor that has the following specifications: 0.1 µF, 25 V, X7R As a general rule
the local VDD bypass capacitor must be greater than the value of bootstrap capacitor value (generally 10 times
DRV8300
SLVSFG5 – SEPTEMBER 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com