Electronic Components Datasheet Search
  English  ▼

X  

ISO1640BDR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640BDR
Description  ISO164x Robust-EMC Bidirectional I2C Digital Isolators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640BDR Datasheet(HTML) 14 Page - Texas Instruments

Back Button ISO1640BDR Datasheet HTML 10Page - Texas Instruments ISO1640BDR Datasheet HTML 11Page - Texas Instruments ISO1640BDR Datasheet HTML 12Page - Texas Instruments ISO1640BDR Datasheet HTML 13Page - Texas Instruments ISO1640BDR Datasheet HTML 14Page - Texas Instruments ISO1640BDR Datasheet HTML 15Page - Texas Instruments ISO1640BDR Datasheet HTML 16Page - Texas Instruments ISO1640BDR Datasheet HTML 17Page - Texas Instruments ISO1640BDR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
8 Detailed Description
8.1 Overview
The I2C bus consists of a two-wire communication bus that supports bidirectional data transfer between a master
device and several slave devices. The master, or processor, controls the bus, specifically the serial clock (SCL)
line. Data is transferred between the master and slave through a serial data (SDA) line. This data can be
transferred in four speeds: standard mode (0 to 100 kbps), fast mode (0 to 400 kbps), fast-mode plus (0 to 1
Mbps), and high-speed mode (0 to 3.4 Mbps).
The I2C bus operates in bidirectional, half-duplex mode, using open collector outputs to allow for multiple
devices to share the bus. When a specific device is ready to communicate on the bus, it can take control pulling
the lines low accordingly in order to transmit data. A standard digital isolator or optocoupler is designed to
transfer data in a single direction. In order to support an I2C bus, external circuitry is required to separates the
bidirectional bus into two unidirectional signal paths. The ISO164x devices internally handles the separation and
partitioning of the transmit and receive signals, integrating the external circuitry needed and provide the open
collector signals. They provide high electromagnetic immunity and low emissions at low power consumption.
Each isolation channel has a logic input and output buffer separated by TI's double capacitive silicon dioxide
(SiO2) insulation barrier. When used in conjunction with isolated power supplies, these devices block high
voltages, isolate grounds, and prevent noise currents from entering the local ground and interfering with or
damaging sensitive circuitry.
8.2 Functional Block Diagrams
SDA2
SCL1
SCL2
GND2
GND1
VCC2
VCC1
SDA1
VREF
VREF
Figure 8-1. ISO1640 Block Diagram
8.3 Feature Description
The device enables a complete isolated I2C interface to be implemented within a small form factor having the
features listed in Table 8-1.
Table 8-1. Features List
PART NUMBER
CHANNEL DIRECTION
RATED ISOLATION(1)
MAXIMUM FREQUENCY
ISO1640
Bidirectional (SCL)
Bidirectional (SDA)
3000 VRMS
4242 VPK
1.7 MHz
(1)
See for detailed Isolation specifications.
ISO1640
SLLSFC2 – OCTOBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ISO1640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com