Electronic Components Datasheet Search
  English  ▼

X  

PRV61HCR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PRV61HCR
Description  Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRV61HCR Datasheet(HTML) 2 Page - Vishay Siliconix

  PRV61HCR Datasheet HTML 1Page - Vishay Siliconix PRV61HCR Datasheet HTML 2Page - Vishay Siliconix PRV61HCR Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 51035
Revision 15-Apr-02
www.vishay.com
94
PRV6, PARV6
Vishay Sfernice
For technical questions, contact sfer@vishay.com
AMBIENT TEMPERATURE IN DEGREES CELCIUS
1.50
0.75
0
0
20
40
60
70
80
100
125
PARV6 linear laws/
PRV6 non linear law
PRV6 linear law
Fully Sealed Potentiometers Cermet (PRV6)
Conductive Plastic (PARV6)
MECHANICAL SPECIFICATIONS
Mechanical Travel
300° ± 5°
Operating Torque
0.5 to 2 Ncm
or...
0.7 to 3 oz.in.
End Stop Torque max
35 Ncm
or...
3 lb.in.
Tightening Torque max
150 Ncm
or...
13 lb.in
ENVIRONMENTAL SPECIFICATIONS
PRV6
PARV6
Temperature Range
– 55°C + 125°C
– 40°C + 125°C
Climatic Category
55/125/56
40/125/56
Sealing
fully sealed container
IP67 and panel sealed
ELECTRICAL SPECIFICATIONS
PRV6
PARV6
Resistive Element
cermet
conductive plastic
Electrical Travel
270° ±15°
270° ± 15°
Resistance Range
Linear Law (A)...
20
Ω to 10MΩ
1 k
Ω to 1MΩ
Non Linear Laws (F-L)
470
Ω to 1MΩ
470
Ω to 500 kΩ (± 20%)
Tolerance
Standard
± 20% ± 10%
± 20 %
On Request
± 5 %
± 10 % (1 k
Ω to100 kΩ)
Power Rating at + 70°C
Linear
1.5 W
0.75W
Others Tapers
0.75 W
0.4W
Temperature Coefficient
± 100ppm/°C
± 1000ppm/°C
Limiting Element Voltage
350 V
350 V
Contact Resist. Variation CRV
2% or 3
Ω
End Resistance (Typical)
1
Ω
Dielectric Strength
1750 VRMS (2000 VRMS on request)
Insulation Resistance (500VDC)
10
6M
Ω
POWER RATING CHART
CECC 41 300 and/or MIL R 94
Load Life
Climatic Sequence
Long Term Damp Heat
Rapid Temperature Change
Vibration
Shock
Rotational Life
1000 h at rated power
90'/30' - temperature 70°C
56 days
± 10%
± 10%
Insulation resist. > 100M
Ω
± 0.5%
± 1%
Insulation resist. > 10
4M
Ω
5 cycles – 55°C at + 125°C
10g 55 to 2000 Hz
2 h each direction
100 g 6 ms 20 shocks
± 2%
± 5%
± 0.1%
± 0.2 %
50.000 cycles
± 10%
CRV < 7 % Rn
± 3%
CRV < 2% Rn
Phase A dry heat 100°C
Phase B damp heat
Phase C cold –55°C
Phase D damp heat 5 cycles
± 1%
CRV < 3% Rn
± 10%
CRV < 7% Rn
± 0.5%
± 1%
± 10%
± 10%
± 3%
± 0.5%
± 2%
no CUT > 0.1 ms ± 5%
± 0.1%
± 0.2 %
CONDITIONS
TESTS
TYPICAL VALUES AND DRIFTS
PERFORMANCE (PRV6)
REQUIREMENTS
∆RT
∆R1-2
RT
(%)
R1-2
(%)
∆RT
∆R1-2
RT
(%)
R1-2
(%)
PARV6 non linear law
0.4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com