Electronic Components Datasheet Search
  English  ▼

X  

TC1900 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TC1900
Description  30 KHz - 12 GHz MMIC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC1900 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TC1900 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC1900 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TC1900
REV.2_04/12/2004
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science- Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 2
30 KHz - 12 GHz MMIC
FEATURES
• P
-1 dB: 17 dBm
• Small Signal Gain: 8.5 dB
• IP3: 25 dBm
• Bias Condition: 250 mA @ 8 V
DESCRIPTION
The TC1900 is a broadband general-purpose medium power MMIC amplifier that operates in the 30 KHz to
12 GHz frequency range. The amplifier provides a minimum 7 dB of gain and delivers 17 dBm of output
power. The MMIC is fabricated using a mature GaAs PHEMT process. The process features all passivation
for increased performance and reliability. All devices are 100% DC tested to assure consistent quality. Bond
pads are gold plated for either thermocompression or thermosonic wire bonding. Backside gold plating is
compatible with standard AuSn die-attach.
ELECTRICAL SPECIFICATIONS (Ta = 25
°°°°C)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
FREQ
Frequency Range
0.00003
12
GHz
SSG
Small Signal Gain
7
8.5
dB
GOF
Small Signal Gain Flatness
± 0.5
± 0.7
dB
P-1 dB
Output Power at 1 dB Gain Compression
17
18
dBm
P-3 dB
Output Power at 3 dB Gain Compression
21
22
dBm
IP3
Third Order Intercept Point
24
25
dBm
VSWR, IN
Input VSWR
1.8:1
-
VSWR, OUT
Output VSWR
1.8:1
-
VDD
Supply Voltage
8
Volt
Vg
Gate Voltage
-0.5
-1.0
-1.5
Volt
IDD
Current Supply Without RF
225
250
275
mA
IDP-1
Current Supply @ Pout = P-1 dB
250
275
mA
ηηηη
a
Power Added Efficiency
7
%
PHOTO ENLARGEMENT


Similar Part No. - TC1900

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1900 TRANSCOM-TC1900 Datasheet
63Kb / 2P
30 KHz - 12 GHz MMIC
More results

Similar Description - TC1900

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM2030 ETC-CMM2030 Datasheet
566Kb / 4P
30 KHZ TO 30 GHZ GAAS MMIC OPTICAL MODULATOR DRIVER AMPLIFIER
logo
Mimix Broadband
CMM3030-BD MIMIX-CMM3030-BD Datasheet
863Kb / 5P
30 kHz to GHz GaAs MMIC Optical Modulator Driver Amplifer
CMM2030-BD MIMIX-CMM2030-BD Datasheet
279Kb / 4P
30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3020-BD MIMIX-CMM3020-BD_06 Datasheet
93Kb / 2P
30 kHz-20 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3030-BD MIMIX-CMM3030-BD_06 Datasheet
197Kb / 4P
30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
logo
Transcom, Inc.
TC1900 TRANSCOM-TC1900 Datasheet
63Kb / 2P
30 KHz - 12 GHz MMIC
logo
Mimix Broadband
XD1008-BD MIMIX-XD1008-BD Datasheet
341Kb / 10P
30 kHz - 40 GHz GaAs MMIC Distributed Amplifier
CMM3020-BD MIMIX-CMM3020-BD_10 Datasheet
1Mb / 8P
30.0 kHz-20.0 GHz GaAs MMIC
CMM3030-BD MIMIX-CMM3030-BD_10 Datasheet
1Mb / 8P
30.0 kHz-30.0 GHz GaAs MMIC
D1008-QH MIMIX-D1008-QH Datasheet
1Mb / 9P
30.0 kHz-32.0 GHz GaAs MMIC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com