Electronic Components Datasheet Search
  English  ▼

X  

STPSC20H065CW Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STPSC20H065CW
Description  SiC Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STPSC20H065CW Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STPSC20H065CW Datasheet HTML 1Page - Inchange Semiconductor Company Limited STPSC20H065CW Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
SiC Schottky Diode
STPSC20H065CW
FEATURES
·
Zero reverse recovery current
·
Zero forward recovery voltage
·
Forward temperature characteristics for easy parallel use
·
Switching characteristics that are not affected by temperature
·
Minimum Lot-to-Lot variations for robust device performance
and reliable operation
APPLICATIONS
·
Switching power supply
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
650
V
IF(AV)
Average Rectified Forward Current
(Rated VR) TC= 135℃
10
A
IFRM
Peak Repetitive Forward Current
(Rated VR,Square Wave,20kHz)
TC= 90℃
36
A
IFSM
Nonrepetitive Peak Surge Current
(Surge
applied
at
rated
load
conditions
half-wave, single phase, 60Hz)
90
A
TJ
Junction Temperature
-40~175
℃
Tstg
Storage Temperature Range
-55~175
℃


Similar Part No. - STPSC20H065CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
170Kb / 9P
Dedicated to PFC applications
07-Nov-2013
STPSC20H065CWLY STMICROELECTRONICS-STPSC20H065CWLY Datasheet
255Kb / 10P
Automotive 20 A 650 V power Schottky silicon carbide diode
13-Apr-2021
STPSC20H065CWY STMICROELECTRONICS-STPSC20H065CWY Datasheet
156Kb / 9P
Dedicated to PFC applications
19-Sep-2014
More results

Similar Description - STPSC20H065CW

ManufacturerPart #DatasheetDescription
logo
BASIC SEMICONDUCTOR
B1D06065F BASICSEMI-B1D06065F Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.3
B1D06065KF BASICSEMI-B1D06065KF Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D08065KS BASICSEMI-B1D08065KS Datasheet
604Kb / 7P
SiC Schottky Diode
Rev. 0.1
B1D10065E BASICSEMI-B1D10065E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065F BASICSEMI-B1D10065F Datasheet
820Kb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065H BASICSEMI-B1D10065H Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.4
B1D10065K BASICSEMI-B1D10065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D12065K BASICSEMI-B1D12065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.3
B1D15065K BASICSEMI-B1D15065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.4
B1D30065HC BASICSEMI-B1D30065HC Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 0.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com