Electronic Components Datasheet Search
  English  ▼

X  

MPSW64 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPSW64
Description  One Watt Darlington Transistors(PNP Silicon)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSW64 Datasheet(HTML) 2 Page - ON Semiconductor

  MPSW64 Datasheet HTML 1Page - ON Semiconductor MPSW64 Datasheet HTML 2Page - ON Semiconductor MPSW64 Datasheet HTML 3Page - ON Semiconductor MPSW64 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPSW63 MPSW64
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS(1)
DC Current Gain
(IC = –10 mAdc, VCE = –5.0 Vdc)
MPSW63
MPSW64
(IC = –100 mAdc, VCE = –5.0 Vdc)
MPSW63
MPSW64
hFE
5,000
10,000
10,000
20,000
—
—
—
—
—
Collector–Emitter Saturation Voltage
(IC = –100 mAdc, IB = –0.1 mAdc)
VCE(sat)
—
–1.5
Vdc
Base–Emitter On Voltage
(IC = –100 mAdc, VCE = –5.0 Vdc)
VBE(on)
—
–2.0
Vdc
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product(2)
(IC = –10 mAdc, VCE = –5.0 Vdc, f = 100 MHz)
fT
125
—
MHz
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
2. fT = |hfe| • ftest.
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. DC Current Gain
Figure 2. “ON” Voltage
Figure 3. Collector Saturation Region
–1.0
–2.0
–0.5
IC, COLLECTOR CURRENT (mA)
200
50
5.0
3.0
2.0
–1.0
–100
–0.3
IC, COLLECTOR CURRENT (mA)
–1.6
–2.0
–0.8
–0.4
0
IB, BASE CURRENT (mA)
–0.6
–30
–10
–20
–7.0
–100
–200
–50
70
–3.0 –5.0
–10
–50
–2.0
–1.6
–1.4
–1.2
–1.0
–30
–70
–300
–5.0
–3.0
–0.7
30
100
–300
–1.2
–0.3
–100
–0.1
–1.0 –3.0
–10
–30
–300
–1 k
–0.3
10
7.0
20
–0.5
–3 k –10 k
–0.8
–1.8
TJ = 25°C
IC = –10 mA
–50 mA –100 mA –175 mA
–300 mA
TJ = 25°C
IC/IB = 100
TJ = 125°C
25
°C
–55
°C
–10 V
VCE = –2.0 V
–5.0 V
VBE(sat) @ IC/IB = 100
VCE(sat) @ IC/IB = 1000
VBE(on) @ VCE = –5.0 V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com