Electronic Components Datasheet Search
  English  ▼

X  

DF2005S Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # DF2005S
Description  2.0 AMPERE SINGLE PHASE GLASS PASSIVATION SURFACE MOUNT BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

DF2005S Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  DF2005S Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. DF2005S Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DF2005S thru DF210S
Pb Free Plating Product
DF2005S thru DF210S
2.0 AMPERE SINGLE PHASE GLASS PASSIVATION SURFACE MOUNT BRIDGE RECTIFIERS
Pb
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.10T
Features
• Glass passivation pellet(glass passivated chip junction)
• Low forward voltage drop
• High surge overload rating of 60 A peak
• Ideal for printed circuit board
Mechanical Data
• Case: Molded plastic, DB-S/DF-S
• Epoxy: UL 94V-0 rate flame retardant
• Terminals: Leads solderable per MIL-STD-202,
method 208 guaranteed
• Mounting position: Any
.045(1.14)
.335(8.51)
.009(0.25)
.205(5.2)
.195(5.0)
.035(0.89)
.316(8.05)
Unit : inch (mm)
DB-S/DF-S
■Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT DF2005S DF201S DF202S DF204S DF206S DF208S DF210S
ThinkiSemi device body marking code
Repetitive peak reverse voltage
V
RRM
V
50
100
200
400
600
800
1000
Average rectified output
current @
60Hz sine
wave, R-load, Ta=40℃
On glass-epoxi
substrate
IO
A
2
Surge(non-repetitive)forward current
@60H
z half sine wave, 1 cycle, Tj=25℃
IFSM
A
60
Current squared time
@1ms≤t<8.3ms Tj=25℃, Rating of per diode
I
2t
A
2s
15
Storage temperature
Tstg
℃
-55 ~+150
Junction temperature
Tj
℃
-55 ~+150
■Electrical Characteristics(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
Maximum instantaneous forward
voltage drop per diode
VF
V
IFM=1A
1.05
Maximum DC reverse current at
rated DC blocking voltage per diode
IRRM
μA VRM=VRRM
5
 
■Thermal Characteristics (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
Thermal
Resistance
Between junction
and ambient,
On glass-epoxi
substrate
RθJ-A
℃
/W
68
Between junction
and lead
RθJ-L
15
Internal Configuration
DF2005S
DF201S
DF202S
DF204S
DF206S
DF208S
DF210S
DF2005S
DF201S
DF202S
DF204S
DF206S
DF208S
DF210S
DF2005S DF201S
DF202S
DF204S
DF206S
DF208S
DF210S


Similar Part No. - DF2005S

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
DF2005S DIOTECH-DF2005S Datasheet
983Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DF2005S SECOS-DF2005S Datasheet
227Kb / 2P
Voltage 50 V ~ 1000 V2.0 Amp Surface Mount Bridge Rectifiers
logo
PACELEADER INDUSTRIAL
DF2005S PACELEADER-DF2005S Datasheet
193Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Formosa MS
DF2005S FORMOSA-DF2005S Datasheet
117Kb / 7P
SMD Bridge Rectifier
logo
First Silicon Co., Ltd
DF2005S FS-DF2005S Datasheet
479Kb / 2P
Bridge Rectifier
More results

Similar Description - DF2005S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2W005G FAIRCHILD-2W005G Datasheet
30Kb / 3P
2.0 Ampere Glass Passivated Bridge Rectifiers
logo
PACELEADER INDUSTRIAL
DF15005S PACELEADER-DF15005S Datasheet
150Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE
logo
CHENG-YI ELECTRONIC CO....
DF15005S CHENG-YI-DF15005S Datasheet
125Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE
logo
Microdiode Semiconducto...
MDDDB201S CHENDA-MDDDB201S Datasheet
79Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Current - 2.0 Ampere
logo
Goodwork Semiconductor ...
DB201S GWSEMI-DB201S Datasheet
66Kb / 2P
SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Compact Technology Corp...
S1A CTC-S1A_15 Datasheet
76Kb / 2P
SURFACE MOUNT GLASS PASSIVATION RECTIFIERS
logo
Nanjing International G...
DB201GS DGNJDZ-DB201GS Datasheet
152Kb / 2P
SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
GOOD-ARK Electronics
DFL2202J GOOD-ARK-DFL2202J Datasheet
441Kb / 4P
Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
logo
Bytesonic Electronics C...
DB201GS BYTESONIC-DB201GS Datasheet
218Kb / 2P
SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
2014/12/3
logo
Thinki Semiconductor Co...
DB201S THINKISEMI-DB201S Datasheet
1Mb / 2P
2.0 AMPERE SINGLE PHASE GLASS PASSIVATION SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com