Electronic Components Datasheet Search
  English  ▼

X  

AD4115BCPZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD4115BCPZ
Description  Single-Supply, Multichannel, 125 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4115BCPZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD4115BCPZ Datasheet HTML 40Page - Analog Devices AD4115BCPZ Datasheet HTML 41Page - Analog Devices AD4115BCPZ Datasheet HTML 42Page - Analog Devices AD4115BCPZ Datasheet HTML 43Page - Analog Devices AD4115BCPZ Datasheet HTML 44Page - Analog Devices AD4115BCPZ Datasheet HTML 45Page - Analog Devices AD4115BCPZ Datasheet HTML 46Page - Analog Devices AD4115BCPZ Datasheet HTML 47Page - Analog Devices AD4115BCPZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
AD4115
Data Sheet
Rev. 0 | Page 44 of 51
Bits
Bit Name
Settings
Description
Reset
Access
[6:4]
Mode
These bits control the operating mode of the ADC. See the Operating
Modes section for more information.
0x0
R/W
000
Continuous conversion mode.
001
Single conversion mode.
010
Standby mode.
011
Power-down mode.
100
Internal offset calibration.
101
Internal gain calibration
110
System offset calibration.
111
System gain calibration.
[3:2]
CLOCKSEL
These bits select the ADC clock source. Selecting the internal oscillator
also enables the internal oscillator.
0x0
R/W
00
Internal oscillator.
01
Internal oscillator output on the XTAL2/CLKIO pin.
10
External clock input on the XTAL2/CLKIO pin.
11
External crystal on the XTAL1 pin and the XTAL2/CLKIO pin.
[1:0]
Reserved
These bits are reserved. Set these bits to 0.
0x0
R
INTERFACE MODE REGISTER
Address: 0x02, Reset: 0x0000, Name: IFMODE
The interface mode register configures various serial interface options.
Table 23. Bit Descriptions for IFMODE
Bits
Bit Name
Settings
Description
Reset
Access
[15:13]
Reserved
These bits are reserved. Set these bits to 0.
0x0
R
12
ALT_SYNC
This bit enables a different behavior of the SYNC pin to allow the use of
SYNC as a control for conversions when cycling channels.
0x0
R/W
0
Disabled.
1
Enabled.
11
IOSTRENGTH
This bit controls the drive strength of the DOUT/RDY pin. Set this bit when
reading from the serial interface at high speed with a low IOVDD supply
and moderate capacitance.
0x0
R/W
0
Disabled (default).
1
Enabled.
[10:9]
Reserved
These bits are reserved. Set these bits to 0.
0x0
R
8
DOUT_RESET
See the DOUT_RESET section.
0x0
R/W
0
Disabled.
1
Enabled.
7
CONTREAD
This bit enables the continuous read mode of the ADC data register. The ADC
must be configured in continuous conversion mode to use continuous
read mode. For more details, see the Operating Modes section.
0x0
R/W
0
Disabled.
1
Enabled.
6
DATA_STAT
This bit enables the status register to be appended to the data register
when read so that channel and status information are transmitted with
the data. Appending the status register is the only way to be sure that the
channel bits read from the status register correspond to the data in the
data register.
0x0
R/W
0
Disabled.
1
Enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com