Electronic Components Datasheet Search
  English  ▼

X  

LM258 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM258
Description  Industry-Standard Dual Operational Amplifiers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM258 Datasheet(HTML) 2 Page - Texas Instruments

  LM258 Datasheet HTML 1Page - Texas Instruments LM258 Datasheet HTML 2Page - Texas Instruments LM258 Datasheet HTML 3Page - Texas Instruments LM258 Datasheet HTML 4Page - Texas Instruments LM258 Datasheet HTML 5Page - Texas Instruments LM258 Datasheet HTML 6Page - Texas Instruments LM258 Datasheet HTML 7Page - Texas Instruments LM258 Datasheet HTML 8Page - Texas Instruments LM258 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
2
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM358B, LM358BA, LM2904, LM2904B, LM2904BA, LM2904V
SLOS068X – JUNE 1976 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LM158 LM158A LM258 LM258A LM358 LM358A LM358B LM358BA LM2904 LM2904B
LM2904BA LM2904V
Submit Documentation Feedback
Copyright © 1976–2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 4
6
Pin Configuration and Functions ......................... 5
7
Specifications......................................................... 6
7.1
Absolute Maximum Ratings ...................................... 6
7.2
ESD Ratings.............................................................. 6
7.3
Recommended Operating Conditions ....................... 7
7.4
Thermal Information .................................................. 7
7.5
Electrical Characteristics: LM358B and LM358BA ... 8
7.6
Electrical Characteristics: LM2904B and
LM2904BA ................................................................. 9
7.7
Electrical Characteristics: LM358, LM358A ............ 10
7.8
Electrical Characteristics: LM2904, LM2904V ........ 11
7.9
Electrical Characteristics: LM158, LM158A ............ 12
7.10
Electrical Characteristics: LM258, LM258A .......... 13
7.11
Typical Characteristics .......................................... 14
7.12
Typical Characteristics .......................................... 21
8
Parameter Measurement Information ................ 23
9
Detailed Description ............................................ 24
9.1
Overview ................................................................. 24
9.2
Functional Block Diagram - LM358B, LM358BA,
LM2904B, LM2904BA .............................................. 24
9.3
Feature Description................................................. 25
9.4
Device Functional Modes........................................ 25
10
Application and Implementation........................ 26
10.1
Application Information.......................................... 26
10.2
Typical Application ............................................... 26
11
Power Supply Recommendations ..................... 27
12
Layout................................................................... 27
12.1
Layout Guidelines ................................................. 27
12.2
Layout Examples................................................... 28
13
Device and Documentation Support ................. 29
13.1
Documentation Support ........................................ 29
13.2
Related Links ........................................................ 29
13.3
Receiving Notification of Documentation Updates 29
13.4
Support Resources ............................................... 29
13.5
Trademarks ........................................................... 29
13.6
Electrostatic Discharge Caution ............................ 29
13.7
Glossary ................................................................ 29
14
Mechanical, Packaging, and Orderable
Information ........................................................... 30
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision W (October 2019) to Revision X
Page
•
Added application links to Applications section ..................................................................................................................... 1
•
Deleted preview tag from LM358B and LM2904B TSSOP (8) package in Device Information table .................................... 1
•
Changed section title from Community Resources to Support Resources .......................................................................... 29
Changes from Revision V (September 2018) to Revision W
Page
•
Added specification in the Device Comparison Table ............................................................................................................ 4
•
Changed CDM ESD rating for LM358B and LM2904B in ESD Ratings ................................................................................ 6
•
Changed VS to V+ in Recommended Operating Conditions .................................................................................................. 7
•
Changed Thermal Information for the LM158FK and LM158JG devices............................................................................... 7
•
Added Typical Characteristics section for the LM358B and LM2490B op amps ................................................................. 14
•
Added test circuit for THD+N and small-signal step response, G = –1 in the Parameter Measurement Information
section .................................................................................................................................................................................. 23
•
Changed the Functional Block Diagram ............................................................................................................................... 24
•
Deleted preview designator from LM358B and LM2904B in the Related Links section ...................................................... 29
Changes from Revision U (January 2017) to Revision V
Page
•
Changed the data sheet title ................................................................................................................................................. 1
•
Changed first four items in the Features section ................................................................................................................... 1
•
Changed the first item in the Applications section and added four new items ...................................................................... 1
•
Changed voltage values in the first paragraph of the Description section ............................................................................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com