Electronic Components Datasheet Search
  English  ▼

X  

ADGS1414DBCCZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADGS1414DBCCZ
Description  SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1414DBCCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADGS1414DBCCZ Datasheet HTML 7Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 8Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 9Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 10Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 11Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 12Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 13Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 14Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADGS1414D
Rev. 0 | Page 11 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 7.
Parameter
Rating
VDD to VSS
35 V
VDD to GND
−0.3 V to +25 V
VSS to GND
+0.3 V to −25 V
VL to GND
For VDD ≤ 5.5 V
−0.3 V to VDD + 0.3 V
For VDD > 5.5 V
−0.3 V to +6 V
SDO
−0.3 V to VL + 0.3 V or 6 mA,
whichever occurs first
Analog Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Digital Inputs1
−0.3 V to +6 V
Peak Current, Sx or Dx2
550 mA (pulsed at 1 ms,
10% duty cycle maximum)
Continuous Current, Sx or Dx2, 3
Data + 15%
Temperature
Operating Range
−40°C to +125°C
Storage Range
−65°C to +150°C
Junction
150°C
Reflow Soldering Peak
Temperature, Pb Free
260(+0/−5)°C
1
Overvoltages at the digital Sx and Dx pins are clamped by internal diodes.
Limit current to the maximum ratings given.
2
Sx refers to the S1 to S8 pins, and Dx refers to the D1 to D8 pins.
3
See Table 4 and Table 5.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
Only one absolute maximum rating can be applied at any one time.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJCB is
the junction to the bottom of the case value.
Table 8. Thermal Resistance
Package Type
θJA
θJCB
Unit
LGA1
65.5
48.12
°C/W
1
Thermal impedance simulated values are based on a JEDEC 2S2P thermal
test board with four thermal vias. See JEDEC JESD-51.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of
ESD-sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Field induced charged device model (FICDM) per
ANSI/ESDA/JEDEC JS-002.
ESD Ratings for ADGS1414D
Table 9. ADGS1414D, 30-Terminal LGA
Package Type
Withstand Threshold (V)
Class
HBM
±2000
2
FICDM
±1250
C3
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com