Electronic Components Datasheet Search
  English  ▼

X  

HM8064 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8064
Description  High withstand voltage 0.6 linear lithium ion battery charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8064 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8064 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8064 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8064 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8064 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8064 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8064 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8064 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
______________________________________________________管脚描述
管脚号
管脚名
功能
1
NCHRG
充电状态指示
2
GND
接地端
3
BAT
接电池
4
VCC
电源输入
5
NSTDBY
充电状态指示
6
PROG
充电电流编程脚
NCHRG(引脚 1):漏极开路输出的充电状态指示端。当充电器向电池充电时,该管脚被内部开关拉
至低电平,表示充电正在进行;否则该管脚处于高阻态。
GND(引脚 2):电源地。
BAT(引脚 3):电池连接端。将电池的正端连接到此管脚。在芯片被禁止工作或者睡眠模式时,BAT
管脚的漏电流小于
2uA。BAT 管脚向电池提供充电电流和 4.2V 的限制电压。
VCC(引脚4):输入电压正输入端。此管脚电压为内部电路的工作电源。当VCC与BAT管脚的电压差小
于
30mV时,HM8064将进入低功耗的停机模式,此时BAT管脚的电流将小于2uA。
NSTDBY(引脚 5):漏极开路输出的电池充饱指示端。当电池已经充饱时,该管脚被内部开关拉至低电
平,否则该管脚处于高阻态。
PROG(引脚 6):恒流充电电流设置和充电电流监测端。从 PROG 管脚连接一个外部电阻到地端可以
对充电电流进行编程。在预充电阶段,此管脚的电压被限制在
0.2V;在恒流充电阶段,此管脚的电压
被固定在
1V。在充电状态的所有模式,测量该管脚的电压都可以根据下面的公式来估算充电电流:
IBAT= VPROG/RPROG*1200
HM8064
高耐压
0.6 线性锂离子电池充电器



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com