Electronic Components Datasheet Search
  English  ▼

X  

HM8116 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8116
Description  Standoff 42V 0.6A 800kHz Sync Step-Down Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8116 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8116 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Standoff 42V 0.6A 800kHz Sync Step-Down Regulator
Thermal Information
Item
Description
Value
Unit
RθJA
Junction-to-ambient thermal resistance (1)(2)
120
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
90
°C/W
Note (1): The package thermal impedance is calculated in accordance to JESD 51-7.
Note (2): Thermal Resistances were simulated on a 4-layer, JEDEC board
Electrical Characteristics (1) (2) (3)
Note (1): VIN=12V, TA = 25°C, unless otherwise noted.
Parameter
Test Conditions
Min
Typ.
Max
Unit
Input Voltage Range
4
38
V
Supply Current in Operation
PSM Mode
400
800
uA
PWM Mode
5
10
mA
Supply Current in Shutdown
VEN =0 or EN = GND
10
uA
Regulated Feedback Voltage
0.785
0.800
0.815
V
High-Side Switch On-Resistance
500
mΩ
Low-Side Switch On-Resistance
300
mΩ
High-Side Switch Leakage Current
VEN=0V, VSW=0V
1
uA
Upper Switch Current Limit
Minimum Duty Cycle
1
A
Switching Frequency
800
kHz
Maximum Duty Cycle
VFB=0.8V
92
%
Minimum On-Time
90
nS
Minimum Off-Time
60
nS
EN Input Current
VEN=2V
1
uA
VEN=0V
1
uA
FB Input Current
1
uA
Under-Voltage Lockout
Threshold-Hysteresis
On Threshold
3.4
V
Off Threshold
3.1
V
Shutdown Threshold
Device ON
1.1
V
Device OFF
1.0
V
EN up Threshold
VEN-Rising
1.05
1.15
1.25
V
EN Threshold Hysteresis
140
mV
Soft Start
1
mS
Thermal Shutdown
150
℃
Thermal Hysteresis
20
℃
Note (1): MOSFET on-resistance specifications are guaranteed by correlation to wafer level measurements.
Note (2): Thermal shutdown specifications are guaranteed by correlation to the design and characteristics analysis.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com