Electronic Components Datasheet Search
  English  ▼

X  

HM8201 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8201
Description  linear built-in MOS tube single-cell lithium battery charger control circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8201 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8201 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8201 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8201 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8201 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8201 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8201 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8201 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8201 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8201 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
- 2 -
订购信息
型号
输出电压
再充电电压
封装形式
管脚数
管脚排列
引脚描述
引脚名称
引脚序号
I/O
引脚功能
LEDS
1
O
充电状态指示。在充电过程中,该引脚被下拉到
VSS;充电结束后,呈高阻态;
VSS
3
PWR 接地端。与供电电源和电池的负极相连。
BAT
4
I
电池电压检测输入端。与电池相接时需串接
330~680 欧姆电阻,同时,电池两端需用一个
10μF 的电容去耦.
调整管驱动端.
CS1
6
I
充电电流控制端. 可设置预充电和恒定电流充电的电流。
LEDT
7
I/O
充电结束后,该引脚被下拉到
VSS,可以用来作为充电结束指示。
VCC
8
PWR 电源端。与供电电源的正极连接,该引脚需用一个 10μF/16V 的电容去耦。
图
2 HM8201
引脚
HM8201
顶视图
(不成比例)
1
LEDS
8VCC
2
DRN
3
VSS
4
BAT
7LEDT
6CS1
5 RG
HM8201
4.2V
4.025V
HM8201M
4.025V
8
DRN
2
O
输出驱动.与内部的驱动D端相连
RG
5
I
需要用1K电阻上拉到V
C C
 
散热片与
DRN脚相连
1
LEDS
8VCC
2
DRN
3
VSS
4
BAT
7LEDT
6CS1
5 RG
HM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com