Electronic Components Datasheet Search
  English  ▼

X  

HM9208 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9208
Description  one-point-in-ear two-point touch control IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9208 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9208 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9208 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9208 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9208 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9208 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9208 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3 灵敏度调节
C2 是 CS 接 GND 的电容用来调整灵敏度。电容的建议联值范围是 10nF~80nF,推荐的典型值是
33nF(333)。在此范围内,电容值越大,灵敏度越高,电容值越小,灵敏度越低。
五、绝对最大值 (所有电压以 GND 为参考)
项目
符号
额定值
单位
供给电压
VDD
-0.3 ~ 6.0
V
输入/输出电压
VI / VO
GND-0.3 ~ VDD+0.3
V
工作温度
TDD
-20 ~ 85
℃
储藏温度
TST
-40 ~ 125
℃
六、电气参数 (所有电压以 GND 为参考﹐VDD=3.3V,环境温度为 25℃ )
参数
符号
条件
最小值 典型值 最大值 单位
工作电压
VDD
2.0
5.5
V
静态工作电流
(启用内部稳压电路)
IDD
低功耗模式
5
A
快速模式
25
A
输入引脚
VIL
输入低电压范围
0
0.2
VDD
输入引脚
VIH
输入高电压范围
0.8
1.0
VDD
ESD 等级
HBM Mode
4
KV
HM9208



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com