Electronic Components Datasheet Search
  English  ▼

X  

HM8871ES Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8871ES
Description  AB//D class switching, overheating, undervoltage, overcurrent protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8871ES Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8871ES Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8871ES Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8871ES Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8871ES Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8871ES Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
8871
A
AB
B//D
D 类
类切
切换
换、
、过
过热
热&
&欠
欠压
压&
&过
过流
流保
保护
护、
、无
无 F
FM
M 干
干扰
扰+
+5
5W
W(
(22Ω
Ω)
)
芯片订购信息
芯片型号
封装类型
包装类型
最小包装数量(PCS)
备注
8871MS
MSOP8
编带
3000/管
8871SO
SOP8
管装
100/管
8871ES
ESOP8
管装
100/管
带散热片
8871DF
DFN
编带
3000/盘
带散热片
典型应用电路
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
2
HM8871



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com